Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/SOSQTP Datasheet(PDF) 212 Page - Microchip Technology

Part # PIC18F258-E/SOSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SOSQTP Datasheet(HTML) 212 Page - Microchip Technology

Back Button PIC18F258-E/SOSQTP Datasheet HTML 208Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 209Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 210Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 211Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 212Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 213Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 214Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 215Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 216Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 402 page
background image
PIC18FXX8
DS41159E-page 210
© 2006 Microchip Technology Inc.
19.2.3
CAN RECEIVE BUFFER
REGISTERS
This section shows the Receive Buffer registers with
their associated control registers.
REGISTER 19-12: RXB0CON: RECEIVE BUFFER 0 CONTROL REGISTER
R/C-0
R/W-0
R/W-0
U-0
R-0
R/W-0
R-0
R-0
RXFUL(1)
RXM1(1)
RXM0(1)
—
RXRTRRO RXB0DBEN
JTOFF
FILHIT0
bit 7
bit 0
bit 7
RXFUL: Receive Full Status bit(1)
1
= Receive buffer contains a received message
0
= Receive buffer is open to receive a new message
Note:
This bit is set by the CAN module and must be cleared by software after the buffer
is read.
bit 6-5
RXM1:RXM0: Receive Buffer Mode bits(1)
11
= Receive all messages (including those with errors)
10
= Receive only valid messages with extended identifier
01
= Receive only valid messages with standard identifier
00
= Receive all valid messages
bit 4
Unimplemented: Read as ‘0’
bit 3
RXRTRRO: Receive Remote Transfer Request Read-Only bit
1
= Remote transfer request
0
= No remote transfer request
bit 2
RXB0DBEN: Receive Buffer 0 Double-Buffer Enable bit
1
= Receive Buffer 0 overflow will write to Receive Buffer 1
0
= No Receive Buffer 0 overflow to Receive Buffer 1
bit 1
JTOFF: Jump Table Offset bit (read-only copy of RXB0DBEN)
1
= Allows jump table offset between 6 and 7
0
= Allows jump table offset between 1 and 0
Note:
This bit allows same filter jump table for both RXB0CON and RXB1CON.
bit 0
FILHIT0: Filter Hit bit
This bit indicates which acceptance filter enabled the message reception into Receive Buffer 0.
1
= Acceptance Filter 1 (RXF1)
0
= Acceptance Filter 0 (RXF0)
Note 1: Bits RXFUL, RXM1 and RXM0 of RXB0CON are not mirrored in RXB1CON.
Legend:
R = Readable bit
W = Writable bit
C = Clearable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com