Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/SOSQTP Datasheet(PDF) 229 Page - Microchip Technology

Part # PIC18F258-E/SOSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SOSQTP Datasheet(HTML) 229 Page - Microchip Technology

Back Button PIC18F258-E/SOSQTP Datasheet HTML 225Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 226Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 227Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 228Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 229Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 230Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 231Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 232Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 233Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 227
PIC18FXX8
19.3.5
LOOPBACK MODE
This mode will allow internal transmission of messages
from the transmit buffers to the receive buffers without
actually transmitting messages on the CAN bus. This
mode can be used in system development and testing.
In this mode, the ACK bit is ignored and the device will
allow incoming messages from itself, just as if they
were coming from another node. The Loopback mode
is a silent mode, meaning no messages will be trans-
mitted while in this state, including error flags or
Acknowledge signals. The TXCAN pin will revert to port
I/O while the device is in this mode. The filters and
masks can be used to allow only particular messages
to be loaded into the receive registers. The masks can
be set to all zeros to provide a mode that accepts all
messages. The Loopback mode is activated by setting
the mode request bits in the CANCON register.
19.3.6
ERROR RECOGNITION MODE
The module can be set to ignore all errors and receive
all message. The Error Recognition mode is activated
by setting the RXM<1:0> bits in the RXBnCON
registers to ‘11’. In this mode, all messages, valid or
invalid, are received and copied to the receive buffer.
19.4
CAN Message Transmission
19.4.1
TRANSMIT BUFFERS
The PIC18FXX8 implements three transmit buffers
(Figure 19-2). Each of these buffers occupies 14 bytes
of SRAM and are mapped into the device memory
map.
For the MCU to have write access to the message
buffer, the TXREQ bit must be clear, indicating that the
message buffer is clear of any pending message to be
transmitted. At a minimum, the TXBnSIDH, TXBnSIDL
and TXBnDLC registers must be loaded. If data bytes
are present in the message, the TXBnDm registers
must also be loaded. If the message is to use extended
identifiers, the TXBnEIDm registers must also be
loaded and the EXIDE bit set.
Prior to sending the message, the MCU must initialize
the TXInE bit to enable or disable the generation of an
interrupt when the message is sent. The MCU must
also initialize the TXP priority bits (see Section 19.4.2
“Transmit Priority”).
19.4.2
TRANSMIT PRIORITY
Transmit
priority
is
a
prioritization
within
the
PIC18FXX8 of the pending transmittable messages.
This is independent from and not related to any prioriti-
zation implicit in the message arbitration scheme built
into the CAN protocol. Prior to sending the SOF, the
priority of all buffers that are queued for transmission is
compared. The transmit buffer with the highest priority
will be sent first. If two buffers have the same priority
setting, the buffer with the highest buffer number will be
sent first. There are four levels of transmit priority. If
TXP bits for a particular message buffer are set to ‘11’,
that buffer has the highest possible priority. If TXP bits
for a particular message buffer are ‘00’, that buffer has
the lowest possible priority.
FIGURE 19-2:
TRANSMIT BUFFER
BLOCK DIAGRAM
Message
Queue
Control
Transmit Byte Sequencer
TXREQ
TXB0
TXABT
TXLARB
TXERR
TXBUFF
MESSAGE
TXREQ
TXB1
TXABT
TXLARB
TXERR
TXBUFF
MESSAGE
TXREQ
TXB2
TXABT
TXLARB
TXERR
TXBUFF
MESSAGE
Message
Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com