Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/SOSQTP Datasheet(PDF) 252 Page - Microchip Technology

Part # PIC18F258-E/SOSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SOSQTP Datasheet(HTML) 252 Page - Microchip Technology

Back Button PIC18F258-E/SOSQTP Datasheet HTML 248Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 249Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 250Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 251Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 252Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 253Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 254Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 255Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 256Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 402 page
background image
PIC18FXX8
DS41159E-page 250
© 2006 Microchip Technology Inc.
21.1
Comparator Configuration
There are eight modes of operation for the compara-
tors. The CMCON register is used to select these
modes. Figure 21-1 shows the eight possible modes.
The TRISD register controls the data direction of the
comparator pins for each mode. If the Comparator
mode is changed, the comparator output level may not
be valid for the specified mode change delay shown in
Section 27.0 “Electrical Characteristics”.
FIGURE 21-1:
COMPARATOR I/O OPERATING MODES
Note:
Comparator interrupts should be disabled
during
a
Comparator
mode
change;
otherwise, a false interrupt may occur.
C1
RD1/PSP1
VIN-
VIN+
Off (Read as ‘0’)
Comparators Reset (POR Default Value)
A
A
CM2:CM0 = 000
C2
RD3/PSP3
VIN-
VIN+
RD2/PSP2
Off (Read as ‘0’)
A
A
C1
RD1/PSP1
VIN-
VIN+
RD0/PSP0
C1OUT
Two Independent Comparators
A
A
CM2:CM0 = 010
C2
RD3/PSP3
VIN-
VIN+
RD2/PSP2
C2OUT
A
A
C1
RD1/PSP1
VIN-
VIN+
RD0/PSP0
C1OUT
Two Common Reference Comparators
A
A
CM2:CM0 = 100
C2
RD3/PSP3
VIN-
VIN+
RD2/PSP2
C2OUT
A
D
C2
RD3/PSP3
VIN-
VIN+
RD2/PSP2
Off (Read as ‘0’)
One Independent Comparator with Output
D
D
CM2:CM0 = 001
C1
RD1/PSP1
VIN-
VIN+
RD0/PSP0
C1OUT
A
A
C1
RD1/PSP1
VIN-
VIN+
RD0/PSP0
Off (Read as ‘0’)
Comparators Off
D
D
CM2:CM0 = 111
C2
RD3/PSP3
VIN-
VIN+
RD2/PSP2
Off (Read as ‘0’)
D
D
C1
RD1/PSP1
VIN-
VIN+
RD0/PSP0
C1OUT
Four Inputs Multiplexed to Two Comparators
A
A
CM2:CM0 = 110
C2
RD3/PSP3
VIN-
VIN+
RD2/PSP2
C2OUT
A
A
From VREF Module
CIS = 0
CIS = 1
CIS = 0
CIS = 1
C1
RD1/PSP1
VIN-
VIN+
RD0/PSP0
C1OUT
Two Common Reference Comparators with Outputs
A
A
CM2:CM0 = 101
C2
RD3/PSP3
VIN-
VIN+
RD2/PSP2
C2OUT
A
D
A = Analog Input, port reads zeros always
D = Digital Input
CIS (CMCON<3>) is the Comparator Input Switch
CVREF
C1
RD1/PSP1
VIN-
VIN+
RD0/PSP0
C1OUT
Two Independent Comparators with Outputs
A
A
CM2:CM0 = 011
C2
RD3/PSP3
VIN-
VIN+
RD2/PSP2
C2OUT
A
A
RE1/AN6/WR/C1OUT
RE2/AN7/CS/C2OUT
RE1/AN6/WR/
RE2/AN7/CS/C2OUT
RE1/AN6/WR/C1OUT
RD0/PSP0
C1OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com