Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/SOSQTP Datasheet(PDF) 257 Page - Microchip Technology

Part # PIC18F258-E/SOSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SOSQTP Datasheet(HTML) 257 Page - Microchip Technology

Back Button PIC18F258-E/SOSQTP Datasheet HTML 253Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 254Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 255Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 256Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 257Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 258Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 259Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 260Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 261Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 255
PIC18FXX8
22.0
COMPARATOR VOLTAGE
REFERENCE MODULE
This module is a 16-tap resistor ladder network that
provides a selectable voltage reference. The resistor
ladder is segmented to provide two ranges of CVREF
values and has a power-down function to conserve
power when the reference is not being used. The
CVRCON register controls the operation of the
reference, as shown in Register 22-1. The block
diagram is shown in Figure 22-1.
The comparator and reference supply voltage can
come from either VDD and VSS, or the external VREF+
and VREF-, that are multiplexed with RA3 and RA2. The
comparator reference supply voltage is controlled by
the CVRSS bit.
22.1
Configuring the Comparator
Voltage Reference
The comparator voltage reference can output 16 distinct
voltage levels for each range. The equations used to
calculate the output of the comparator voltage reference
are as follows.
EQUATION 22-1:
EQUATION 22-2:
The settling time of the Comparator Voltage Reference
must be considered when changing the RA0/AN0/
CVREF output (see Table 27-4 in Section 27.2 “DC
Characteristics”).
REGISTER 22-1:
CVRCON: COMPARATOR VOLTAGE REFERENCE CONTROL REGISTER
Note:
The comparator voltage reference is only
available
on
the
PIC18F448
and
PIC18F458.
If CVRR = 1:
CVREF = (CVR<3:0>/24) x CVRSRC
where:
CVRSS = 1, CVRSRC = (VREF+) – (VREF-)
CVRSS = 0, CVRSRC = AVDD – AVSS
If CVRR = 0:
CVREF = (CVRSRC x 1/4) + (CVR<3:0>/32) x CVRSRC
where:
CVRSS = 1, CVRSRC = (VREF+) – (VREF-)
CVRSS = 0, CVRSRC = AVDD – AVSS
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
bit 7
bit 0
bit 7
CVREN: Comparator Voltage Reference Enable bit
1
=CVREF circuit powered on
0
=CVREF circuit powered down
bit 6
CVROE: Comparator VREF Output Enable bit
1
=CVREF voltage level is also output on the RA0/AN0/CVREF pin
0
=CVREF voltage is disconnected from the RA0/AN0/CVREF pin
bit 5
CVRR: Comparator VREF Range Selection bit
1
=0.00 CVRSRC to 0.625 CVRSRC with CVRSRC/24 step size
0
=0.25 CVRSRC to 0.719 CVRSRC with CVRSRC/32 step size
bit 4
CVRSS: Comparator VREF Source Selection bit
1
= Comparator reference source, CVRSRC = (VREF+) – (VREF-)
0
= Comparator reference source, CVRSRC = VDD – VSS
bit 3-0
CVR<3:0>: Comparator VREF Value Selection 0
≤ CVR3:CVR0 ≤ 15 bits
When CVRR = 1:
CVREF = (CVR3:CVR0/24)
• (CVRSRC)
When CVRR = 0:
CVREF = 1/4
• (CVRSRC) + (CVR3:CVR0/32) • (CVRSRC)
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com