Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/SOSQTP Datasheet(PDF) 262 Page - Microchip Technology

Part # PIC18F258-E/SOSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SOSQTP Datasheet(HTML) 262 Page - Microchip Technology

Back Button PIC18F258-E/SOSQTP Datasheet HTML 258Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 259Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 260Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 261Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 262Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 263Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 264Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 265Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 266Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 402 page
background image
PIC18FXX8
DS41159E-page 260
© 2006 Microchip Technology Inc.
FIGURE 23-2:
LOW-VOLTAGE DETECT (LVD) BLOCK DIAGRAM
The LVD module has an additional feature that allows
the user to supply the trip voltage to the module from an
external source. This mode is enabled when bits
LVDL3:LVDL0 are set to ‘1111’. In this state, the com-
parator input is multiplexed from the external input pin
LVDIN to one input of the comparator (Figure 23-3).
The other input is connected to the internally generated
voltage reference (parameter #D423 in Section 27.2
“DC Characteristics”). This gives users flexibility,
because it allows them to configure the Low-Voltage
Detect interrupt to occur at any voltage in the valid
operating range.
FIGURE 23-3:
LOW-VOLTAGE DETECT (LVD) WITH EXTERNAL INPUT BLOCK DIAGRAM
LVDIF
VDD
LVDEN
LVDCON
Internally Generated
Reference Voltage,
LVDIN
LVDL3:LVDL0
Register
1.2V Typical
LVD
EN
BGAP
BODEN
LVDEN
VxEN
LVDIN
VDD
VDD
Externally Generated
Trip Point
LVDL3:LVDL0
LVDCON
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com