Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/SOSQTP Datasheet(PDF) 274 Page - Microchip Technology

Part # PIC18F258-E/SOSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SOSQTP Datasheet(HTML) 274 Page - Microchip Technology

Back Button PIC18F258-E/SOSQTP Datasheet HTML 270Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 271Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 272Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 273Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 274Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 275Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 276Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 277Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 278Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 402 page
background image
PIC18FXX8
DS41159E-page 272
© 2006 Microchip Technology Inc.
24.2
Watchdog Timer (WDT)
The Watchdog Timer is a free running, on-chip RC
oscillator which does not require any external com-
ponents. This RC oscillator is separate from the RC
oscillator of the OSC1/CLKI pin. That means that the
WDT will run, even if the clock on the OSC1/CLKI and
OSC2/CLKO/RA6 pins of the device has been stopped,
for example, by execution of a SLEEP instruction.
During normal operation, a WDT time-out generates a
device Reset (Watchdog Timer Reset). If the device is
in Sleep mode, a WDT time-out causes the device to
wake-up
and
continue
with
normal
operation
(Watchdog Timer wake-up). The TO bit in the RCON
register will be cleared upon a WDT time-out.
The Watchdog Timer is enabled/disabled by a device
configuration bit. If the WDT is enabled, software
execution may not disable this function. When the
WDTEN configuration bit is cleared, the SWDTEN bit
enables/disables the operation of the WDT.
The WDT time-out period values may be found in
Section 27.0
“Electrical
Characteristics”
under
parameter #31. Values for the WDT postscaler may be
assigned using the configuration bits.
24.2.1
CONTROL REGISTER
Register 24-13 shows the WDTCON register. This is a
readable and writable register which contains a control
bit that allows software to override the WDT enable
configuration bit only when the configuration bit has
disabled the WDT.
REGISTER 24-13: WDTCON: WATCHDOG TIMER CONTROL REGISTER
Note:
The CLRWDT and SLEEP instructions clear
the WDT and the postscaler if assigned to
the WDT and prevent it from timing out
and generating a device Reset condition.
Note:
When a CLRWDT instruction is executed
and the postscaler is assigned to the WDT,
the postscaler count will be cleared but the
postscaler assignment is not changed.
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
—
—
—
—
—
—
—SWDTEN
bit 7
bit 0
bit 7-1
Unimplemented: Read as ‘0’
bit 0
SWDTEN: Software Controlled Watchdog Timer Enable bit
1
= Watchdog Timer is on
0
= Watchdog Timer is turned off if the WDTEN configuration bit in the Configuration register = 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com