Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/SOSQTP Datasheet(PDF) 345 Page - Microchip Technology

Part # PIC18F258-E/SOSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SOSQTP Datasheet(HTML) 345 Page - Microchip Technology

Back Button PIC18F258-E/SOSQTP Datasheet HTML 341Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 342Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 343Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 344Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 345Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 346Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 347Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 348Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 349Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 343
PIC18FXX8
27.3.3
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 27-6:
EXTERNAL CLOCK TIMING
TABLE 27-6:
EXTERNAL CLOCK TIMING REQUIREMENTS
OSC1
CLKO
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
1A
FOSC
External CLKI Frequency(1)
Oscillator Frequency(1)
DC
40
MHz
EC, ECIO oscillator, -40°C to +85°C
DC
25
MHz
EC, ECIO oscillator, +85°C to +125°C
DC
4
MHz
RC oscillator
0.1
4
MHz
XT oscillator
4
25
MHz
HS oscillator, -40°C to +85°C
4
25
MHz
HS oscillator, +85°C to +125°C
4
10
MHz
HS + PLL oscillator, -40°C to +85°C
4
6.25
MHz
HS + PLL oscillator, +85°C to +125°C
DC
200
kHz
LP oscillator
1TOSC
External CLKI Period(1)
Oscillator Period(1)
25
—
ns
EC, ECIO oscillator, -40°C to +85°C
40
—
ns
EC, ECIO oscillator, +85°C to +125°C
250
—
ns
RC oscillator
250
10,000
ns
XT oscillator
40
—
ns
HS oscillator, -40°C to +85°C
40
—
ns
HS oscillator, +85°C to +125°C
100
250
ns
HS + PLL oscillator, -40°C to +85°C
160
250
ns
HS + PLL oscillator, +85°C to +125°C
5
200
μs
LP oscillator
2TCY
Instruction Cycle Time(1)
100
160
—
—
ns
ns
TCY = 4/FOSC, -40°C to +85°C
TCY = 4/FOSC, +85°C to +125°C
3
TosL,
TosH
External Clock in (OSC1)
High or Low Time
30
—
ns
XT oscillator
2.5
—
ns
LP oscillator
10
—
μs
HS oscillator
4TosR,
TosF
External Clock in (OSC1)
Rise or Fall Time
—
20
ns
XT oscillator
—
50
ns
LP oscillator
—
7.5
ns
HS oscillator
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values
are based on characterization data for that particular oscillator type under standard operating conditions
with the device executing code. Exceeding these specified limits may result in an unstable oscillator
operation and/or higher than expected current consumption. All devices are tested to operate at “Min.”
values with an external clock applied to the OSC1/CLKI pin. When an external clock input is used, the
“Max.” cycle time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com