Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/SOSQTP Datasheet(PDF) 359 Page - Microchip Technology

Part # PIC18F258-E/SOSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SOSQTP Datasheet(HTML) 359 Page - Microchip Technology

Back Button PIC18F258-E/SOSQTP Datasheet HTML 355Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 356Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 357Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 358Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 359Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 360Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 361Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 362Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 363Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 357
PIC18FXX8
FIGURE 27-21:
USART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
TABLE 27-21: USART SYNCHRONOUS TRANSMISSION REQUIREMENTS
FIGURE 27-22:
USART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
TABLE 27-22: USART SYNCHRONOUS RECEIVE REQUIREMENTS
Note: Refer to Figure 27-5 for load conditions.
121
121
120
122
RC6/TX/CK
RC7/RX/DT
pin
pin
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
120
TckH2dtV SYNC XMIT (Master & Slave)
Clock High to Data-Out Valid
PIC18FXX8
—
50
ns
PIC18LFXX8
—
150
ns
121
Tckrf
Clock Out Rise Time and Fall Time
(Master mode)
PIC18FXX8
—
25
ns
PIC18LFXX8
—
60
ns
122
Tdtrf
Data-Out Rise Time and Fall Time
PIC18FXX8
—
25
ns
PIC18LFXX8
—
60
ns
Note: Refer to Figure 27-5 for load conditions.
125
126
RC6/TX/CK
RC7/RX/DT
pin
pin
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
125
TdtV2ckl
SYNC RCV (Master & Slave)
Data-Hold before CK
↓ (DT hold time)
10
—
ns
126
TckL2dtl
Data-Hold after CK
↓ (DT hold time)
15
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com