Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/SOSQTP Datasheet(PDF) 142 Page - Microchip Technology

Part # PIC18F258-E/SOSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SOSQTP Datasheet(HTML) 142 Page - Microchip Technology

Back Button PIC18F258-E/SOSQTP Datasheet HTML 138Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 139Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 140Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 141Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 142Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 143Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 144Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 145Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 402 page
background image
PIC18FXX8
DS41159E-page 140
© 2006 Microchip Technology Inc.
16.5.4
PROGRAMMABLE DEAD-BAND
DELAY
In half-bridge or full-bridge applications, where all
power switches are modulated at the PWM frequency
at all times, the power switches normally require longer
time to turn off than to turn on. If both the upper and
lower power switches are switched at the same time
(one turned on and the other turned off), both switches
will be on for a short period of time until one switch
completely turns off. During this time, a very high
current (
shoot-through current) flows through both
power switches, shorting the bridge supply. To avoid
this potentially destructive shoot-through current from
flowing during switching, turning on the power switch is
normally delayed to allow the other switch to
completely turn off.
In the Half-Bridge Output mode, a digitally programmable
dead-band delay is available to avoid shoot-through
current from destroying the bridge power switches. The
delay occurs at the signal transition from the non-active
state to the active state. See Figure 16-3 for illustration.
The ECCP1DEL register (Register 16-2) sets the amount
of delay.
16.5.5
SYSTEM IMPLEMENTATION
When the ECCP module is used in the PWM mode, the
application hardware must use the proper external pull-
up and/or pull-down resistors on the PWM output pins.
When the microcontroller powers up, all of the I/O pins
are in the high-impedance state. The external pull-up
and pull-down resistors must keep the power switch
devices in the off state until the microcontroller drives
the I/O pins with the proper signal levels, or activates
the PWM output(s).
16.5.6
START-UP CONSIDERATIONS
Prior to enabling the PWM outputs, the P1A, P1B, P1C
and P1D latches may not be in the proper states.
Enabling the TRISD bits for output at the same time
with the ECCP1 module may cause damage to the
power switch devices. The ECCP1 module must be
enabled in the proper output mode with the TRISD bits
enabled as inputs. Once the ECCP1 completes a full
PWM cycle, the P1A, P1B, P1C and P1D output
latches are properly initialized. At this time, the TRISD
bits can be enabled for outputs to start driving the
power switch devices. The completion of a full PWM
cycle is indicated by the TMR2IF bit going from a ‘0’ to
a ‘1’.
16.5.7
OUTPUT POLARITY
CONFIGURATION
The ECCP1M<1:0> bits in the ECCP1CON register
allow user to choose the logic conventions (asserted
high/low) for each of the outputs.
The PWM output polarities must be selected before the
PWM outputs are enabled. Charging the polarity
configuration while the PWM outputs are active is not
recommended since it may result in unpredictable
operation.
REGISTER 16-2:
ECCP1DEL: PWM DELAY REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
EPDC7
EPDC6
EPDC5
EPDC4
EPDC3
EPDC2
EPDC1
EPDC0
bit 7
bit 0
bit 7-0
EPDC<7:0>: PWM Delay Count for Half-Bridge Output Mode bits
Number of FOSC/4 (TOSC * 4) cycles between the P1A transition and the P1B transition.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com