Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690-E/SS Datasheet(PDF) 283 Page - Microchip Technology

Part # PIC16F690-E/SS
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690-E/SS Datasheet(HTML) 283 Page - Microchip Technology

Back Button PIC16F690-E/SS Datasheet HTML 279Page - Microchip Technology PIC16F690-E/SS Datasheet HTML 280Page - Microchip Technology PIC16F690-E/SS Datasheet HTML 281Page - Microchip Technology PIC16F690-E/SS Datasheet HTML 282Page - Microchip Technology PIC16F690-E/SS Datasheet HTML 283Page - Microchip Technology PIC16F690-E/SS Datasheet HTML 284Page - Microchip Technology PIC16F690-E/SS Datasheet HTML 285Page - Microchip Technology PIC16F690-E/SS Datasheet HTML 286Page - Microchip Technology PIC16F690-E/SS Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 294 page
background image
© 2007 Microchip Technology Inc.
DS41262D-page 281
PIC16F631/677/685/687/689/690
APPENDIX A:
DATA SHEET
REVISION HISTORY
Revision A (March 2005)
This is a new data sheet.
Revision B (May 2006)
Added 631/677 part numbers; Added pin summary
tables
after
pin
diagrams;
Incorporated
Golden
Chapters.
Revision C (July 2006)
Revised
Section
4.2.1,
ANSEL
and
ANSELH
Registers; Register 4-3, ANSEL Analog Select; Added
Register 4-4, ANSELH Analog Select High; Section
11.3.2, Revised CCP1<1:0> to DC1B<1:0>; Section
11.3.7, Number 4 - Revised CCP1 to DC1B; Figure 11-
5, Revised CCP1 to DC1B; Table 11-4, Revised P1M to
P1M<1:0>; Section 12.3.1, Revised Paragraph 3;
Revised Note 2; Revised Figure 12-6 Title.
Revision D (February 2007)
Removed Preliminary status; Changed PICmicro to
PIC; Replaced Dev. Tool Section; Replaced Package
Drawings.
APPENDIX B:
MIGRATING FROM
OTHER PIC®
DEVICES
This discusses some of the issues in migrating from
other PIC devices to the PIC16F6XX Family of devices.
B.1
PIC16F676 to PIC16F685
TABLE B-1:
FEATURE COMPARISON
Feature
PIC16F676
PIC16F685
Max Operating
Speed
20 MHz
20 MHz
Max Program
Memory (Words)
1024
4096
SRAM (bytes)
64
128
A/D Resolution
10-bit
10-bit
Data EEPROM
(Bytes)
128
256
Timers (8/16-bit)
1/1
2/1
Oscillator Modes
8
8
Brown-out Reset
Y
Y
Internal Pull-ups
RA0/1/2/4/5
RA0/1/2/4/5,
MCLR
Interrupt-on-change
RA0/1/2/3/4/5 RA0/1/2/3/4/5
Comparator
1
2
ECCP+
N
Y
Ultra Low-Power
Wake-up
NY
Extended WDT
N
Y
Software Control
Option of WDT/BOR
NY
INTOSC
Frequencies
4 MHz
31 kHz-8 MHz
Clock Switching
N
Y
Note:
This device has been designed to perform
to the parameters of its data sheet. It has
been tested to an electrical specification
designed to determine its conformance
with these parameters. Due to process
differences in the manufacture of this
device, this device may have different
performance characteristics than its earlier
version. These differences may cause this
device to perform differently in your
application than the earlier version of this
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com