Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7366-PI Datasheet(PDF) 221 Page - PMC-Sierra, Inc

Part # PM7366-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7366-PI Datasheet(HTML) 221 Page - PMC-Sierra, Inc

Back Button PM7366-PI Datasheet HTML 217Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 218Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 219Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 220Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 221Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 222Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 223Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 224Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 225Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 286 page
background image
RELEASED
PM7366 FREEDM-8
DATA SHEET
PMC-1970930
ISSUE 4
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA,INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
208
Register 0x504 : PMON Receive FIFO Overflow Count
Bit
Type
Function
Default
Bit 31 to
Bit 16
Unused
XXXXH
Bit 15
R
OF[15]
X
Bit 14
R
OF[14]
X
Bit 13
R
OF[13]
X
Bit 12
R
OF[12]
X
Bit 11
R
OF[11]
X
Bit 10
R
OF[10]
X
Bit 9
R
OF[9]
X
Bit 8
R
OF[8]
X
Bit 7
R
OF[7]
X
Bit 6
R
OF[6]
X
Bit 5
R
OF[5]
X
Bit 4
R
OF[4]
X
Bit 3
R
OF[3]
X
Bit 2
R
OF[2]
X
Bit 1
R
OF[1]
X
Bit 0
R
OF[0]
X
This register reports the number of receive FIFO overflow events in the previous accumulation
interval.
Note
This register is not byte addressable. Writing to this register modifies all the bits in the register.
Byte selection using byte enable signals (CBEB[3:0]) are not implemented. However, when all
four byte enables are negated, no access is made to this register.
OF[15:0]:
The OF[15:0] bits reports the number of receive FIFO overflow events that have been
detected since the last time this register was polled. This register is polled by writing to the
FREEDM-8 Master Clock / BERT Activity Monitor and Accumulation Trigger register. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com