Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72321R9 Datasheet(PDF) 187 Page - STMicroelectronics

Part # ST72321R9
Description  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R9 Datasheet(HTML) 187 Page - STMicroelectronics

Back Button ST72321R9 Datasheet HTML 181Page - STMicroelectronics ST72321R9 Datasheet HTML 182Page - STMicroelectronics ST72321R9 Datasheet HTML 183Page - STMicroelectronics ST72321R9 Datasheet HTML 184Page - STMicroelectronics ST72321R9 Datasheet HTML 185Page - STMicroelectronics ST72321R9 Datasheet HTML 186Page - STMicroelectronics ST72321R9 Datasheet HTML 187Page - STMicroelectronics ST72321R9 Datasheet HTML 188Page - STMicroelectronics ST72321R9 Datasheet HTML 189Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 187 / 189 page
background image
ST72321
187/189
15.4.2 LVD Startup behaviour
When the LVD is enabled, the MCU reaches its
authorized operating voltage from a reset state.
However, in some devices, the reset state is re-
leased when VDD is approximately between 0.8V
and 1.5V. As a consequence, the I/Os may toggle
when VDD is within this window.
This may be an issue especially for applications
where the MCU drives power components.
Figure 107. LVD Startup Behaviour
15.4.3 AVD not supported
On some devices with a specific VDD ramp up
speed the AVD may not start. As a result it cannot
generate interrupts when VDD rises and falls.
15.4.4 Internal RC oscillator operation
Internal RC oscillator operation is not supported in
ROM devices.
15.4.5 External clock source with PLL
External clock source is not supported with the
PLL enabled.
15.4.6 Pull-up not present on PE2
Unlike ST72F321 Flash devices, ST72321 ROM
devices have no weak pull-up on port PE2.
In TQFP44 ROM devices, the PE2 pad is not con-
nected to an internal pull-up like other unbonded
pads (See note 4 under Table 1, “Device Pin De-
scription,” on page 10). It is recommended to con-
figure it as output push pull to avoid added current
consumption.
5V
1.5V
VIT+
0.8V
LVD RESET
V D
D
Window
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com