Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BJ2 Datasheet(PDF) 154 Page - STMicroelectronics

Part # ST72324BJ2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ2 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button ST72324BJ2 Datasheet HTML 150Page - STMicroelectronics ST72324BJ2 Datasheet HTML 151Page - STMicroelectronics ST72324BJ2 Datasheet HTML 152Page - STMicroelectronics ST72324BJ2 Datasheet HTML 153Page - STMicroelectronics ST72324BJ2 Datasheet HTML 154Page - STMicroelectronics ST72324BJ2 Datasheet HTML 155Page - STMicroelectronics ST72324BJ2 Datasheet HTML 156Page - STMicroelectronics ST72324BJ2 Datasheet HTML 157Page - STMicroelectronics ST72324BJ2 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 188 page
background image
Electrical characteristics
ST72324B
154/188
Figure 70.
Unused I/O pins configured as input(1)
1.
I/O can be left unconnected if it is configured as output (0 or 1) by the software. This has the advantage of
greater EMC robustness and lower cost.
Figure 71.
Typical IPU vs. VDD with VIN = VSS
12.9.2
Output driving current
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
10k
Ω
Unused I/O port
ST7XXX
10k
Ω
Unused I/O port
ST7XXX
VDD
0
10
20
30
40
50
60
70
80
90
22 .5
33 .5
4
4 .5
55 .5
6
Vd d (V )
T a = 1 40° C
Ta = 9 5 ° C
Ta = 2 5 ° C
Ta = -4 5 ° C
Table 106.
Output driving current
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
Output low level voltage for a standard I/O pin when
8 pins are sunk at same time
(see Figure 72)
VDD =5V
IIO = +5mA
1.2
V
IIO = +2mA
0.5
Output low level voltage for a high sink I/O pin when
4 pins are sunk at same time
(see Figure 73 and Figure 75)
IIO = +20mA
TA < 85°
TA >85°C
1.3
1.5
IIO = +8mA
0.6
VOH
(2)
Output high level voltage for an I/O pin when 4 pins
are sourced at same time
(see Figure 74 and Figure 77)
IIO = -5mA,
TA < 85°C
TA >85°C
VDD -1.4
VDD -1.6
IIO = -2mA
VDD -0.7
1.
The IIO current sunk must always respect the absolute maximum rating specified in Section 12.2.2 and the sum of IIO (I/O
ports and control pins) must not exceed IVSS.
2.
The IIO current sourced must always respect the absolute maximum rating specified in Section 12.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVDD. True open drain I/O pins do not have VOH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com