Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BJ2 Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST72324BJ2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ2 Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST72324BJ2 Datasheet HTML 179Page - STMicroelectronics ST72324BJ2 Datasheet HTML 180Page - STMicroelectronics ST72324BJ2 Datasheet HTML 181Page - STMicroelectronics ST72324BJ2 Datasheet HTML 182Page - STMicroelectronics ST72324BJ2 Datasheet HTML 183Page - STMicroelectronics ST72324BJ2 Datasheet HTML 184Page - STMicroelectronics ST72324BJ2 Datasheet HTML 185Page - STMicroelectronics ST72324BJ2 Datasheet HTML 186Page - STMicroelectronics ST72324BJ2 Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 188 page
background image
ST72324B
Known limitations
183/188
Nested interrupt context
The symptom does not occur when the interrupts are handled normally, that is, when:
●
The interrupt flag is cleared within its own interrupt routine
●
The interrupt flag is cleared within any interrupt routine with higher or identical priority
level
●
The interrupt flag is cleared in any part of the code while this interrupt is disabled
If these conditions are not met, the symptom can be avoided by implementing the following
sequence:
–
PUSH CC
–SIM
–
Reset interrupt flag
–POP CC
15.1.5
16-bit timer PWM mode
In PWM mode, the first PWM pulse is missed after writing the value FFFCh in the OC1R
register (OC1HR, OC1LR). It leads to either full or no PWM during a period, depending on
the OLVL1 and OLVL2 settings.
15.1.6
TIMD set simultaneously with OC interrupt
If the 16-bit timer is disabled at the same time the output compare event occurs then output
compare flag gets locked and cannot be cleared before the timer is enabled again.
Impact on the application
If output compare interrupt is enabled, then the output compare flag cannot be cleared in the
timer interrupt routine. Consequently the interrupt service routine is called repeatedly.
Workaround
Disable the timer interrupt before disabling the timer. Again while enabling, first enable the
timer then the timer interrupts.
●
Perform the following to disable the timer:
–
TACR1 or TBCR1 = 0x00h; // Disable the compare interrupt
–TACSR I or TBCSR I = 0x40; // Disable the timer
●
Perform the following to enable the timer again:
–
TACSR & or TBCSR & = ~0x40; // Enable the timer
–
TACR1 or TBCR1 = 0x40; // Enable the compare interrupt
15.1.7
SCI wrong break duration
Description
A single break character is sent by setting and resetting the SBK bit in the SCICR2 register.
In some cases, the break character may have a longer duration than expected:
●
20 bits instead of 10 bits if M = 0
●
22 bits instead of 11 bits if M = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com