Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S81161BB Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # S81161BB
Description  S81 RTD Temperature Probes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S81161BB Datasheet(HTML) 3 Page - Ashcroft, Inc.

  S81161BB Datasheet HTML 1Page - Ashcroft, Inc. S81161BB Datasheet HTML 2Page - Ashcroft, Inc. S81161BB Datasheet HTML 3Page - Ashcroft, Inc. S81161BB Datasheet HTML 4Page - Ashcroft, Inc. S81161BB Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RTD Temperature probes with mineral insulation, available with optional connectors.
Data Sheet
ashcroft.com
| 1.800.328.8258 | Contact Us
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S81_RTD_ds_RevC_04-05-23
Cont. on
next page
ORDERING CODE
Example:
S81
1
T
1
A
A
B
A
7
2
Area Classification
1 - Standard -General Purpose
1
3 - Intrinsic Safety - ia
B - Intrinsic Safety - ib
E - Increased Safety
N - Non-Incendive
Sheath Diameter
R - 1⁄8˝ Ø3.18 mm
S - 3⁄16˝ Ø4.76 mm
T - ¼˝ Ø6.35 mm
T
3 - 3 mm
4 - 4.5 mm
6 - 6 mm
8 - 8 mm
RTD Type
1 - Pt 100
1
2 - Ni 120
3 - Pt 1000
Accuracy or Class (IEC 60751)
A -
Class A
A
B -
Class B
C - ½ DIN
D -
Class AA - 1⁄3 DIN
RTD Element/Range
A -
-50 to 400 °C
A
B -
-200 to 600 °C
D - Vibration-proof
Electrical Circuit
A - Single 2-wire
B - Single 3-wire
B
C - Single 4-wire
D - Dual 2-wire
E - Dual 3-wire
F - Dual 4-wire
Sheath Material
A - AISI 316/1.4404
A
Wire Termination
7 - Stripped
7
8 - With flat pin
9 - With round pin
F - With plug LEMO type FFA.1S
P - With socket LEMO type PCA.1S
D - With plug and socket LEMO on inset
Connector Strain Relief
- - Non-applicable (no connector)
1 - Crimp - Braze adapter (for use with flex armor and no wire options)
2 - Grommet - for regular wire option, with no flex armor
2
3 - Bracket - for regular wire option, with no flex armor
S81 RTD Temperature Probes
of 5
3


Similar Part No. - S81161BB

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S811-1X1T-06-F BEL-S811-1X1T-06-F Datasheet
174Kb / 3P
INTEGRATED CONNECTOR MODULES
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
CMOS TEMPERATURE SENSOR IC
logo
Harwin Plc
S8111-46R HARWIN-S8111-46R Datasheet
123Kb / 1P
SMT CABLE CLIP 1.0 -1.5 mm IN TAPE & REEL
logo
Hamamatsu Corporation
S8119 HAMAMATSU-S8119 Datasheet
320Kb / 4P
Photo IC for optical switch
logo
Productwell Precision E...
S811H1 PRODUCTWELL-S811H1 Datasheet
113Kb / 1P
ROTARY POTENTIOMETER
More results

Similar Description - S81161BB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
Precision NTC Thermistor Probes for Temperature Measurement
logo
RFE international
SS113 RFE-SS113 Datasheet
88Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
logo
Extech Instruments Corp...
409997 EXTECH-409997 Datasheet
180Kb / 1P
Temperature Probes
872502 EXTECH-872502 Datasheet
180Kb / 1P
Temperature Probes
881616 EXTECH-881616 Datasheet
180Kb / 1P
Temperature Probes
TP870 EXTECH-TP870_15 Datasheet
180Kb / 1P
Temperature Probes
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
Temperature Probes
logo
Amphenol Corporation
HTP60 AMPHENOL-HTP60 Datasheet
54Kb / 4P
High Temperature Probes
logo
Cynergy3 Co
ITTP100A CYNERGY3-ITTP100A Datasheet
111Kb / 1P
Programmable Temperature Probes - Thermocouple and PT100 Assemblies
logo
Turck, Inc.
TTM-100-LIUPN-H1140 TURCK-TTM-100-LIUPN-H1140 Datasheet
155Kb / 2P
Temperature measurement miniature transmitter for external probes
logo
E+E Elektronik Ges.m.b....
EE07 EPLUSE-EE07 Datasheet
572Kb / 3P
Interchangeable Humidity / Temperature Probes with Digital Output
v2.6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com