Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S81161BB Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # S81161BB
Description  S81 RTD Temperature Probes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S81161BB Datasheet(HTML) 4 Page - Ashcroft, Inc.

  S81161BB Datasheet HTML 1Page - Ashcroft, Inc. S81161BB Datasheet HTML 2Page - Ashcroft, Inc. S81161BB Datasheet HTML 3Page - Ashcroft, Inc. S81161BB Datasheet HTML 4Page - Ashcroft, Inc. S81161BB Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RTD Temperature probes with mineral insulation, available with optional connectors.
Data Sheet
ashcroft.com
| 1.800.328.8258 | Contact Us
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S81_RTD_ds_RevC_04-05-23
ORDERING CODE
Example: (Continued ) B
X
X
-
M
M
C3
3
-
3P
T
LC=900
L=400
Remote Head Type
- - Non-applicable (no remote head)
G - SCCI Stainless steel
N - SCCA Aluminum
B - DIN B AluminumIN B Aluminum
B
D - BUZ Aluminum
E - BUZH Aluminum
P - PR 7501 (N/A with FM approval)
Y - Cast iron (N/A with FM approval)
A - Polypropylene (N/A with FM approval)
H - E&H Housing (N/A with FM approval)
Length Probe
X - L=(min=50, max=10000) (add actual length in mm L=?? at the end of ordering code)
X
Length Cable
X - Lc=(min=100, max=10000) (add actual length in mm LC=?? at the end of ordering code)
X
Flex Armor
- - Without
-
1 - With flex armor
2 - Flex armor with PVC jacket
Lead Wire
M - PVC
M
N - Silicon
O - PTFE
P - Fiberglass
- - Without
Lead Wire Options
M - With protective spring on lead wire
M
N - Without protective spring on lead wire
O - Electrically shielded, with protective spring
P - Electrically shielded, without protective spring
Q - With stainless steel braided cover, with protective spring
R - With stainless steel braided cover, without protective spring
- - Without
Process Connection
-- - Without connection
C1 - Compression fitting ¼ NPT, AISI 316
C2 - Adjustable compression fitting with gland TFE ¼˝ AISI 316
C3 - Compression fitting ½ NPT, AISI 316
C3
C4 - Adjustable compression fitting with gland TFE ½˝ AISI 316
B1 - Non-adjustable compression fitting ¼ NPT, brass
B2 - Adjustable compression fitting with gland TFE ¼˝ brass
B3 - Non-adjustable compression fitting ½ NPT, brass
B4 - Adjustable compression fitting with gland TFE ½˝ brass
A1 - Compression fitting G ¼˝ AISI 316
A3 - Compression fitting G ½˝ AISI 316
Y1 - Adjustable spring loaded, double thread ½ NPT, AISI 316
3
3
Certifications
- - None required
-
F - FM
A - ATEX
X - IECEx
S - SIL 2 + ATEX
I - INMETRO
D - ATEX + IECEX
2 - SIL 2
P - EAC (Gost R) + Metrological Russia
Calibration Report
- - Without
3P - 3 points single
3P
5P - 5 points single
3D - 3 points dual
5D - 5 points dual
Tagging
- - Without
T - Label in stainless steel with tag
T
Insertion
length in
mm
Lead wire
length in
mm
mm = inches x 25.4
S81 RTD Temperature Probes
of 5
4


Similar Part No. - S81161BB

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S811-1X1T-06-F BEL-S811-1X1T-06-F Datasheet
174Kb / 3P
INTEGRATED CONNECTOR MODULES
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
CMOS TEMPERATURE SENSOR IC
logo
Harwin Plc
S8111-46R HARWIN-S8111-46R Datasheet
123Kb / 1P
SMT CABLE CLIP 1.0 -1.5 mm IN TAPE & REEL
logo
Hamamatsu Corporation
S8119 HAMAMATSU-S8119 Datasheet
320Kb / 4P
Photo IC for optical switch
logo
Productwell Precision E...
S811H1 PRODUCTWELL-S811H1 Datasheet
113Kb / 1P
ROTARY POTENTIOMETER
More results

Similar Description - S81161BB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
Precision NTC Thermistor Probes for Temperature Measurement
logo
RFE international
SS113 RFE-SS113 Datasheet
88Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
logo
Extech Instruments Corp...
409997 EXTECH-409997 Datasheet
180Kb / 1P
Temperature Probes
872502 EXTECH-872502 Datasheet
180Kb / 1P
Temperature Probes
881616 EXTECH-881616 Datasheet
180Kb / 1P
Temperature Probes
TP870 EXTECH-TP870_15 Datasheet
180Kb / 1P
Temperature Probes
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
Temperature Probes
logo
Amphenol Corporation
HTP60 AMPHENOL-HTP60 Datasheet
54Kb / 4P
High Temperature Probes
logo
Cynergy3 Co
ITTP100A CYNERGY3-ITTP100A Datasheet
111Kb / 1P
Programmable Temperature Probes - Thermocouple and PT100 Assemblies
logo
Turck, Inc.
TTM-100-LIUPN-H1140 TURCK-TTM-100-LIUPN-H1140 Datasheet
155Kb / 2P
Temperature measurement miniature transmitter for external probes
logo
E+E Elektronik Ges.m.b....
EE07 EPLUSE-EE07 Datasheet
572Kb / 3P
Interchangeable Humidity / Temperature Probes with Digital Output
v2.6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com