Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S81161BB Datasheet(PDF) 5 Page - Ashcroft, Inc.

Part # S81161BB
Description  S81 RTD Temperature Probes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S81161BB Datasheet(HTML) 5 Page - Ashcroft, Inc.

  S81161BB Datasheet HTML 1Page - Ashcroft, Inc. S81161BB Datasheet HTML 2Page - Ashcroft, Inc. S81161BB Datasheet HTML 3Page - Ashcroft, Inc. S81161BB Datasheet HTML 4Page - Ashcroft, Inc. S81161BB Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RTD Temperature probes with mineral insulation, available with optional connectors.
Data Sheet
ashcroft.com
| 1.800.328.8258 | Contact Us
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S81_RTD_ds_RevC_04-05-23
d
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
HOW TO ORDER S81
TEMPERATURE PROBES:
The ordering code is built by selecting
the appropriate configuration for the
various sections of the ordering code.
The insert nominal length L is measured
from top of the cable transition piece or
center of threads to the tip of the probe.
The lead wire length LC is measured
for the base of the lead wire transition
piece to the end of the lead wire jacket.
The L length and the LC length are
added to the end of the ordering code
in millimeters.
To convert inches to millimeters
multiply by 25.4.
mm = inches x 25.4
Custom configurations are available.
d = Stem diameter
LC = Length lead wire
L = Insertion length
* 50 mm with FM approval
*
*
S81 RTD Temperature Probes
of 5
5


Similar Part No. - S81161BB

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S811-1X1T-06-F BEL-S811-1X1T-06-F Datasheet
174Kb / 3P
INTEGRATED CONNECTOR MODULES
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
CMOS TEMPERATURE SENSOR IC
logo
Harwin Plc
S8111-46R HARWIN-S8111-46R Datasheet
123Kb / 1P
SMT CABLE CLIP 1.0 -1.5 mm IN TAPE & REEL
logo
Hamamatsu Corporation
S8119 HAMAMATSU-S8119 Datasheet
320Kb / 4P
Photo IC for optical switch
logo
Productwell Precision E...
S811H1 PRODUCTWELL-S811H1 Datasheet
113Kb / 1P
ROTARY POTENTIOMETER
More results

Similar Description - S81161BB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
Precision NTC Thermistor Probes for Temperature Measurement
logo
RFE international
SS113 RFE-SS113 Datasheet
88Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
logo
Extech Instruments Corp...
409997 EXTECH-409997 Datasheet
180Kb / 1P
Temperature Probes
872502 EXTECH-872502 Datasheet
180Kb / 1P
Temperature Probes
881616 EXTECH-881616 Datasheet
180Kb / 1P
Temperature Probes
TP870 EXTECH-TP870_15 Datasheet
180Kb / 1P
Temperature Probes
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
Temperature Probes
logo
Amphenol Corporation
HTP60 AMPHENOL-HTP60 Datasheet
54Kb / 4P
High Temperature Probes
logo
Cynergy3 Co
ITTP100A CYNERGY3-ITTP100A Datasheet
111Kb / 1P
Programmable Temperature Probes - Thermocouple and PT100 Assemblies
logo
Turck, Inc.
TTM-100-LIUPN-H1140 TURCK-TTM-100-LIUPN-H1140 Datasheet
155Kb / 2P
Temperature measurement miniature transmitter for external probes
logo
E+E Elektronik Ges.m.b....
EE07 EPLUSE-EE07 Datasheet
572Kb / 3P
Interchangeable Humidity / Temperature Probes with Digital Output
v2.6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com