Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S81161BB Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # S81161BB
Description  S81 RTD Temperature Probes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S81161BB Datasheet(HTML) 2 Page - Ashcroft, Inc.

  S81161BB Datasheet HTML 1Page - Ashcroft, Inc. S81161BB Datasheet HTML 2Page - Ashcroft, Inc. S81161BB Datasheet HTML 3Page - Ashcroft, Inc. S81161BB Datasheet HTML 4Page - Ashcroft, Inc. S81161BB Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RTD Temperature probes with mineral insulation, available with optional connectors.
Data Sheet
ashcroft.com
| 1.800.328.8258 | Contact Us
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S81_RTD_ds_RevC_04-05-23
OPTIONAL APPROVALS
FM Intrinsically Safe:
Class I, Division 1, Groups A, B, C, D
T4 for -55 °C ≤ Ta ≤ 80 °C
T5 for -55 °C ≤ Ta ≤ 55 °C
T6 for -55 °C ≤ Ta ≤ 40 °C
FM Non-Incendive:
Class I, Division 2, Groups A, B, C, D
T4 for -55 °C ≤ Ta ≤ 80 °C
T5 for -55 °C ≤ Ta ≤ 55 °C
T6 for -55 °C ≤ Ta ≤ 40 °C
ATEX or IECEx:
ATEX or IECEx
II 1 G Ex ia IIC T6 Ga -50 °C to 60 °C
II 2 G Ex ib IIC T6 Gb -50 °C to 60 °C
II 2 G Ex e IIC T6 Gb -55 °C to 60 °C
II 2 G Ex d IIC T6 Gb -55 °C to 60 °C
BUZH-AL
Type E
BUZH-AL
Type D
DIN B
Type B
SCCA-AL
Type N
SCCI-Stainless Steel
Type G
PR 7501 with display
Type P
E&H Display Housing
Type H
Polypropylene
Type A
Cast Iron
Type Y
OPTIONAL S81 HEADS
S81 RTD Temperature Probes
of 5
2


Similar Part No. - S81161BB

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S811-1X1T-06-F BEL-S811-1X1T-06-F Datasheet
174Kb / 3P
INTEGRATED CONNECTOR MODULES
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
CMOS TEMPERATURE SENSOR IC
logo
Harwin Plc
S8111-46R HARWIN-S8111-46R Datasheet
123Kb / 1P
SMT CABLE CLIP 1.0 -1.5 mm IN TAPE & REEL
logo
Hamamatsu Corporation
S8119 HAMAMATSU-S8119 Datasheet
320Kb / 4P
Photo IC for optical switch
logo
Productwell Precision E...
S811H1 PRODUCTWELL-S811H1 Datasheet
113Kb / 1P
ROTARY POTENTIOMETER
More results

Similar Description - S81161BB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
Precision NTC Thermistor Probes for Temperature Measurement
logo
RFE international
SS113 RFE-SS113 Datasheet
88Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
logo
Extech Instruments Corp...
409997 EXTECH-409997 Datasheet
180Kb / 1P
Temperature Probes
872502 EXTECH-872502 Datasheet
180Kb / 1P
Temperature Probes
881616 EXTECH-881616 Datasheet
180Kb / 1P
Temperature Probes
TP870 EXTECH-TP870_15 Datasheet
180Kb / 1P
Temperature Probes
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
Temperature Probes
logo
Amphenol Corporation
HTP60 AMPHENOL-HTP60 Datasheet
54Kb / 4P
High Temperature Probes
logo
Cynergy3 Co
ITTP100A CYNERGY3-ITTP100A Datasheet
111Kb / 1P
Programmable Temperature Probes - Thermocouple and PT100 Assemblies
logo
Turck, Inc.
TTM-100-LIUPN-H1140 TURCK-TTM-100-LIUPN-H1140 Datasheet
155Kb / 2P
Temperature measurement miniature transmitter for external probes
logo
E+E Elektronik Ges.m.b....
EE07 EPLUSE-EE07 Datasheet
572Kb / 3P
Interchangeable Humidity / Temperature Probes with Digital Output
v2.6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com