Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BH2T1 Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST7263BH2T1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BH2T1 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST7263BH2T1 Datasheet HTML 137Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 138Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 139Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 140Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 141Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 142Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 143Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 144Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 145Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 144 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
144/145
18 Revision history
Date
Revision
Main changes
27-May-05
3.0
New revision created by merging 32K Flash and non-32K Flash datasheets together
Memory Map, Figure 7, expanded to handle all devices and memory sizes
Operating conditions with LVD values modified, section 14.3.2 on page 110
Supply current characteristics values and notes updated, section 14.4 on page 111
IDD Run and Wait graphs replaced, Figure 52 and Figure 53 on page 111
Control timing characteristics modified, section 14.5.2 on page 112
Flash memory table notes and tPROG typical value updated, section 14.6.2 on page 114
Notes added for I/O Port Pin characteristics table, section 14.8.1 on page 117
Note for RPU modified, removing reference to data characterization, Section 14.8.1
IPU and RPU graphs added, Figure 58 and Figure 59 on page 118
Notes updated for USB low speed electrical characteristics
Output voltage/current graphs added, Figures 60-69
Thermal Characteristics added for SO24 and TQFP48 packages, section 15.2 on page 131
Important note added for OPT 3 Option Byte (LVD), section 16.1 on page 133
Supported Part Numbers table updated with full sales type codes, Table 29
Option List updated with all device options, page 138
Important notes updated with ‘USB behavior with LVD disabled’, section 17.3 on page 142
Clock block diagram redrawn, Figure 18 on page 26
DFU added to title and features list, page 1
Removed unnecessary notes related to Typical values (already mentioned in section 14.1.2
on page 108) in electrical characteristic tables sections: Section 14.3.2, Section 14.4, Sec-
tion 14.6.2, Section 14.8.1, Section 14.9.1 and Section 14.11
Added note for max values in ADC Accuracy, Section 14.11
Static Latch Up (LU) class tested only for TA=25°C, section 14.7.3.2 on page 116
19-Sep-05
4.0
Flash memory minimum data retention increased to 40 years, section 14.6.2 on page 114
AF bit text modified concerning SCL, I2C Chapter Section 12.5.7, "Register description"
Reference made to the Flash Programming Reference Manual for Flash timing values
Reset pulse generated by WDG changed to 30µs, section 12.1 on page 42
Modified text in section 12.3 on page 64, adding Parity error as an interrupt
Added ECOPACK information in section 15 on page 128
Modified IS value and corresponding note in section 14.8.1 on page 117
06-Apr-06
5.0
32K and 8K QFN40 Packages added
4K SO24 Package added
TQFP package renamed to LQFP
03-Oct-06
6.0
Important Notes section renamed to Known Limitations, section 17 on page 142
New PA2 limitation added, section 17 on page 142
Figure 83. on page 143 added for silicon revision identification
20-Aug-07
7.0
Root part numbers added in datasheet header and in Table 1, "Device summary".
New 16K LQFP48 package added to product family.
Note added to VOH data in section 14.8.2 on page 118
List of supported partnumber availability updated, Table 29, "Supported part numbers"
Download address updated in Section 16.3.4, "Order codes for ST7263B development
tools" and Option list.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com