Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 314 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 314 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 310Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 311Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 312Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 313Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 314Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 315Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 316Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 317Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 318Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-6
Freescale Semiconductor
•
PCI agent mode capabilities which include the ability to configure from a remote host
•
Address translation units for address mapping between host and agent.
Efforts were made to keep the terminology in this chapter consistent with the PCI Specification, revision
2.2, and other PCI documentation; therefore, the terms found in Table 9-1 may differ from most
documentation for processors that implement the PowerPC architecture (for example, architecture
specification or reference manuals).
NOTE: PCI Bridge Signal Naming
PCI bridge signals are defined in most cases with the prefix “PCI_” (for
example, PCI_IRDY—see Figure 6-1). In this chapter, however, the prefix
is not used. For descriptions of PCI bridge signals, refer to Chapter 6,
“External Signals.”
9.9.1
PCI Interface Operation
The following sections discuss the operation of the PCI bus.
9.9.1.1
Bus Commands
PCI bus commands indicate the type of transaction occurring on the bus. These commands are encoded on
PCI_C/BE[3-0] during the address phase of the transaction. PCI bus commands are described in Table 9-2.
Table 9-1. PCI Terminology
Term
Definition
LSB/Lower order
Represents bit 0 or the bits closest to the LSB
MSB/High order
Represents bit 31 or the bits closest to the MSB
Byte
Represents 8 bits of information
Word
Represents 16 bits or 2 bytes
Double word
Represents 32 bits or 2 words or 4 bytes
Quad word
Represents 64 bits or 2 double-words or 4 words or 8 bytes
Beat
Represents any valid data during a data transfer
Burst
Represents any 1 or more beat transfers
Edge/Clock edge
Represents the rising edge of the PCI clock
Cycle/Clock cycle
Represents the time period between clock edges
Asserted/negated
Represents the globally visible state of the signal on the clock edge
Address phase
Represents the first clock cycle where FRAME is asserted
Data phase(s)
Represents the clock cycle(s) where IRDY and TRDY are asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com