Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 792 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 792 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 788Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 789Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 790Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 791Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 792Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 793Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 794Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 795Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 796Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 792 / 1386 page
background image
SCC Ethernet Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
25-4
Freescale Semiconductor
25.3
Connecting the MPC8280 to Ethernet
The basic interface to the external SIA chip consists of the following Ethernet signals:
•
Receive clock (RCLK)—a CLKx signal routed through the bank of clocks on the MPC8280.
•
Transmit clock (TCLK)—a CLKx signal routed through the bank of clocks on the MPC8280. Note
that RCLK and TCLK should not be connected to the same CLKx since the SIA provides separate
transmit and receive clock signals.
•
Transmit data (TXD)—the MPC8280 TXD signal.
•
Receive data (RXD)—the MPC8280 RXD signal.
The following signals take on different functionality when the SCC is in Ethernet mode:
•
Transmit enable (TENA)—RTS becomes TENA. The polarity of TENA is active high, whereas the
polarity of RTS is active low.
•
Receive enable (RENA)—CD becomes RENA.
•
Collision (CLSN)—CTS becomes CLSN. The carrier sense signal is referenced in Ethernet
descriptions because it indicates when the LAN is in use. Carrier sense is defined as the logical OR
of RENA and CLSN.
Figure 25-3. shows the basic components and signals required to make an Ethernet connection between
the MPC8280 and EEST.
Figure 25-3. Connecting the MPC8280 to Ethernet
The EEST has similar names for its connection to the above seven MPC8280 signals. The EEST also
provides a loopback input so the MPC8280 can perform external loopback testing, which can be controlled
by any available MPC8280 parallel I/O signal. The passive components needed to connect to AUI or
MPC8280
EEST
MC68160
TXD
TENA (RTS)
TCLK (CLKx)
RXD
RENA (CD)
RCLK (CLKx)
CLSN (CTS)
Parallel I/O
Tx
TENA
TCLK
Rx
RENA
RCLK
CLSN
Loop
Passive
Passive
Twisted
Pair
AUI
Preamble
Start Frame
Data
Delimiter
Destination
Address
Type/
Length
Source
Address
Frame Check
Sequence
7 Bytes
1 Byte
6 Bytes
6 Bytes
2 Bytes
46–1500 Bytes
4 Bytes
Stored in Receive Buffer
RJ-45
D-15
Stored in Transmit Buffer
SCC
NOTE: Short Tx frames are padded automatically by the MPC8280.
(Pads)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com