Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1030 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1030 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1026Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1027Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1028Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1029Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1030Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1031Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1032Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1033Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1034Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1030 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-70
Freescale Semiconductor
Table 31-35 describes AAL5 RxBD fields.
m
Table 31-35. AAL5 RxBD Field Descriptions
Offset
Bits
Name
Description
0x00
0
E
Empty.
0 The buffer associated with this RxBD is full or data reception was aborted due to an
error. The core can read or write any fields of this RxBD. The CP does not use this
BD again while E remains zero.
1 The buffer associated with this RxBD is empty or reception is in progress. This RxBD
and its receive buffer are controlled by the CP. Once E is set, the core should not
write any fields of this RxBD.
1
—
Reserved, should be cleared.
2
W
Wrap (final BD in table)
0 This is not the last BD in the RxBD table of the current channel.
1 This is the last BD in the RxBD table of this current channel. After this buffer has
been used, the CP receives incoming data into the first BD in the table. The number
of RxBDs in this table is programmable and is determined only by the W bit. The
current table cannot exceed 64 Kbytes.
3
I
Interrupt
0 No interrupt is generated after this buffer has been used.
1 An Rx buffer event is sent to the interrupt queue after the ATM controller uses this
buffer. FCCE[GINT
x] is set in the event register when INT_CNT reaches the global
interrupt threshold.
4
L
Last in frame. Set by the ATM controller for the last buffer in a frame.
0 Buffer is not last in a frame.
1 Buffer is last in a frame. ATM controller writes frame length in DL and updates the
error flags.
5
F
First in frame. Set by the ATM controller for the first buffer in a frame.
0 The buffer is not the first in a frame.
1 The buffer is the first in a frame.
6
CM
Continuous mode
0 Normal operation.
1 The CP does not clear the empty bit after this BD is closed, allowing the associated
buffer to be overwritten automatically when the CP next accesses this BD.
7–9
—
Reserved, should be cleared.
10
CLP
Cell loss priority. At least one cell associated with the current message was received
with CLP = 1. May be set at the last buffer of the message.
11
CNG
Congestion indication. The last cell associated with the current message was received
with PTI middle bit set. CNG may be set at the last buffer of the message.
12
ABRT
Abort message indication. The current message was received with Length field zero.
13
CPUU
CPCS-UU+CPI indication. Set when the CPCS-UU+CPI field is non zero. CPUU may
be set at the last buffer of the message.
14
LNE
Rx length error. AAL5 CPCS-PDU length violation. May be set only for the last BD of
the frame if the pad length is greater than 47 or less than zero octets.
15
CRE
Rx CRC error. Indicates CRC32 error in the current AAL5 PDU. Set only for the last BD
of the frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com