Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 140 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 140 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 144Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
2-24
Freescale Semiconductor
Program
00700
A program exception is caused by one of the following exception conditions, which
correspond to bit settings in SRR1 and arise during execution of an instruction:
• Illegal instruction—An illegal instruction program exception is generated when
execution of an instruction is attempted with an illegal opcode or illegal
combination of opcode and extended opcode fields (including PowerPC
instructions not implemented in the processor core), or when execution of an
optional instruction not provided in the processor core is attempted (these do not
include those optional instructions that are treated as no-ops).
• Privileged instruction—A privileged instruction type program exception is
generated when the execution of a privileged instruction is attempted and the
MSR register user privilege bit, MSR[PR], is set. In the processor core, this
exception is generated for mtspr or mfspr with an invalid SPR field if SPR[0] = 1
and MSR[PR] = 1. This may not be true for all processors that implement the
PowerPC architecture.
• Trap—A trap type program exception is generated when any of the conditions
specified in a trap instruction is met.
Floating-point
unavailable
00800
A floating-point unavailable exception is caused by an attempt to execute a
floating-point instruction (including floating-point load, store, and move instructions)
when the floating-point available bit is cleared (MSR[FP] = 0).
Decrementer
00900
The decrementer exception occurs when the most significant bit of the decrementer
(DEC) register transitions from 0 to 1. Must also be enabled with the MSR[EE] bit.
Critical
interrupt
00A00
A critical interrupt is caused when MSR[CE] = 1 and the CINT signal is asserted.
Reserved
00B00–00BFF —
System call
00C00
A system call exception occurs when a System Call (sc) instruction is executed.
Trace
00D00
A trace exception is taken when MSR[SE] = 1 or when the currently completing
instruction is a branch and MSR[BE] = 1.
Floating-point
assist
00E00
Not implemented.
Reserved
00E10–00FFF —
Instruction
translation
miss
01000
An instruction translation miss exception is caused when the effective address for an
instruction fetch cannot be translated by the ITLB.
Data load
translation
miss
01100
A data load translation miss exception is caused when the effective address for a
data load operation cannot be translated by the DTLB.
Data store
translation
miss
01200
A data store translation miss exception is caused when the effective address for a
data store operation cannot be translated by the DTLB, or when a DTLB hit occurs,
and the changed bit in the PTE must be set due to a data store operation.
Instruction
address
breakpoint
01300
An instruction address breakpoint exception occurs when the address (bits 0–29) in
the IABR matches the next instruction to complete in the completion unit, and the
IABR enable bit (bit 30) is set.
Table 2-5. Exceptions and Conditions (continued)
Exception
Type
Vector Offset
(hex)
Causing Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com