Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H563VG Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32H563VG
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H563VG Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32H563VG Datasheet HTML 101Page - STMicroelectronics STM32H563VG Datasheet HTML 102Page - STMicroelectronics STM32H563VG Datasheet HTML 103Page - STMicroelectronics STM32H563VG Datasheet HTML 104Page - STMicroelectronics STM32H563VG Datasheet HTML 105Page - STMicroelectronics STM32H563VG Datasheet HTML 106Page - STMicroelectronics STM32H563VG Datasheet HTML 107Page - STMicroelectronics STM32H563VG Datasheet HTML 108Page - STMicroelectronics STM32H563VG Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 270 page
background image
C
PC0
-
TIM16_BKIN
-
-
-
-
SAI1_MCLK_A
SPI2_RDY
PC1
TRACED0
-
SAI1_D1
-
-
SPI2_MOSI/I2S2_SDO
SAI1_SD_A
USART11_RTS/
USART11_DE
PC2
PWR_CSLEEP
TIM17_CH1
TIM4_CH4
-
-
SPI2_MISO/I2S2_SDI
OCTOSPI1_IO5
-
PC3
PWR_CSTOP
-
SAI1_D3
LPTIM3_CH1
-
SPI2_MOSI/I2S2_SDO OCTOSPI1_IO6
-
PC4
-
TIM2_CH4
SAI1_CK1
LPTIM2_ETR
-
I2S1_MCK
-
USART3_RX
PC5
-
TIM1_CH4N
SAI1_D3
-
PSSI_D15
-
SAI1_FS_A
UART12_RTS/
UART12_DE
PC6
-
-
TIM3_CH1
TIM8_CH1
-
I2S2_MCK
SAI1_SCK_A
USART6_TX
PC7
TRGIO
-
TIM3_CH2
TIM8_CH2
-
-
I2S3_MCK
USART6_RX
PC8
TRACED1
-
TIM3_CH3
TIM8_CH3
-
-
-
USART6_CK
PC9
MCO2
-
TIM3_CH4
TIM8_CH4
I2C3_SDA
AUDIOCLK
-
-
PC10
-
-
LPTIM3_ETR
-
-
-
SPI3_SCK/
I2S3_CK
USART3_TX
PC11
-
-
LPTIM3_IN1
-
-
-
SPI3_MISO/
I2S3_SDI
USART3_RX
PC12
TRACED3
-
TIM15_CH1
-
-
SPI6_SCK
SPI3_MOSI/
I2S3_SDO
USART3_CK
PC13
-
-
-
-
-
-
-
-
PC14
-
-
-
-
-
-
-
-
PC15
-
-
-
-
-
-
-
-
Table 15. Alternate functions AF0 to AF7(1) (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
SYS
LPTIM1/
TIM1/2/16/17
LPTIM3/
PDM_SAI1/
TIM3/4/5/12/15
I3C1/LPTIM2/3/
LPUART1/
OCTOSPI/TIM1/8
CEC/DCMI/
I2C1/2/3/4/
LPTIM1/2/SPI1/
I2S1/TIM15/
USART1
CEC/I3C1/LPTIM1/
SPI1/I2S1/SPI2/I2S2/
SPI3/I2S3/SPI4/5/6
I2C4/OCTOSPI/
SAI1/SPI3/I2S3/
SPI4/UART4/12/
USART10/
USB_PD
SDMMC1/SPI2/
I2S2/SPI3/I2S3/
SPI6/UART7/8/12
/USART1/2/3/6/
10/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com