Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F521 Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST72F521
Description  80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST72F521 Datasheet HTML 147Page - STMicroelectronics ST72F521 Datasheet HTML 148Page - STMicroelectronics ST72F521 Datasheet HTML 149Page - STMicroelectronics ST72F521 Datasheet HTML 150Page - STMicroelectronics ST72F521 Datasheet HTML 151Page - STMicroelectronics ST72F521 Datasheet HTML 152Page - STMicroelectronics ST72F521 Datasheet HTML 153Page - STMicroelectronics ST72F521 Datasheet HTML 154Page - STMicroelectronics ST72F521 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 215 page
background image
ST72F521, ST72521B
151/215
CONTROLLER AREA NETWORK (Cont’d)
The figures below show the abort behaviour in the
four possible cases.
Figure 76. Abort and successful transmission
In this case the abort request performed during the
transmission has no effect, as the first transmis-
sion is successful.
Figure 77. Abort and transmission delayed by
busy CAN bus
In this case the NRTX bit is set to abort the trans-
mission after the first attempt. As the first attempt
is successful the READY and BUSY bits are reset
by pCAN and the transmit buffer becomes empty.
An abort is no longer required.
Figure 78. Abort and error during transmission
In this case NRTX (abort request) is set before the
error, thus pCAN resets READY and BUSY after
the error (the first attempt). The abort has been
successful and the transmit buffer is empty.
Figure 79. Abort and arbitration lost
In this case the NRTX bit is set but has no effect,
as the previous transmission attempt failed due to
an arbitration lost. The application waits for the
falling edge of BUSY bit and checks that READY is
still set. This is the case, this means pCAN has lost
the arbitration and LOCK bit can be safely reset.
Abort is immediate and pCAN resets the READY
and BUSY bits.
Timing Considerations
As no interrupt signals that an abort has been suc-
cessful, the application has to wait until the trans-
mit buffer is empty (transmission has been aborted
or transmitted successfully). This time can vary
depending on the case in which the abort is per-
formed (arbitration lost, error or successful trans-
mission). To show the impact of the software work-
around on this timing behaviour Figure 80 and Fig-
ure 81 compare the reference behaviour (worst
case when abort is done by LOCK only) with the
behaviour when NRTX, BUSY and LOCK bits are
used.
Figure 80. Abort by LOCK only - Reference
behaviour
CAN TX
CAN RX
LOCK
READY
BUSY
TX RQST
NRTX
ABORT RQST
CAN TX
CAN RX
LOCK
READY
BUSY
TX RQST
NRTX
ABORT RQST
CAN TX
CAN RX
LOCK
READY
BUSY
TX RQST
NRTX
ABORT RQST
Error
CAN TX
CAN RX
LOCK
READY
BUSY
TX RQST
NRTX
ABORT RQST
CAN TX
CAN RX
LOCK
READY
BUSY
TX RQST
NRTX
ABORT RQST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com