Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72521B Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST72521B
Description  80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72521B Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST72521B Datasheet HTML 129Page - STMicroelectronics ST72521B Datasheet HTML 130Page - STMicroelectronics ST72521B Datasheet HTML 131Page - STMicroelectronics ST72521B Datasheet HTML 132Page - STMicroelectronics ST72521B Datasheet HTML 133Page - STMicroelectronics ST72521B Datasheet HTML 134Page - STMicroelectronics ST72521B Datasheet HTML 135Page - STMicroelectronics ST72521B Datasheet HTML 136Page - STMicroelectronics ST72521B Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 215 page
background image
ST72F521, ST72521B
133/215
CONTROLLER AREA NETWORK (Cont’d)
– RESYNC. The resynchronization mode is used
to find the correct entry point for starting trans-
mission or reception after the node has gone
asynchronous either by going into the STANDBY
or bus-off states.
Resynchronization is achieved when 128 se-
quences of 11 recessive bits have been moni-
tored unless the node is not bus-off and the
FSYN bit in the CSR register is set in which case
a single sequence of 11 recessive bits needs to
be monitored.
– IDLE. The CAN controller looks for one of the fol-
lowing events: the RUN bit is reset, a Start Of
Frame appears on the CAN bus or the DATA7
register of the currently active page is written to.
– TRANSMISSION. Once the LOCK bit of a Buffer
Control/Status Register (BCSRx) has been set
and read back as such, a transmit job can be
submitted by writing to the DATA7 register. The
message with the highest priority will be transmit-
ted as soon as the CAN bus becomes idle.
Among those messages with a pending trans-
mission request, the highest priority is given to
Buffer 3 then 2 and 1. If the transmission fails due
to a lost arbitration or to an error while the NRTX
bit of the CSR register is reset, then a new trans-
mission attempt is performed. This goes on until
the transmission ends successfully or until the
job is cancelled by unlocking the buffer, by set-
ting the NRTX bit or if the node ever enters bus-
off or if a higher priority message becomes pend-
ing. The RDY bit in the BCSRx register, which
was set since the job was submitted, gets reset.
When a transmission is in progress, the BUSY bit
in the BCSRx register is set. If it ends successful-
ly then the TXIF bit in the Interrupt Status Regis-
ter (ISR) is set, else the TEIF bit is set. An
interrupt is generated in either case provided the
TXIE and TEIE bits of the ICR register are set.
Note 1: Setting the SRTE bit of the CSR register
allows transmitted messages to be simultane-
ously received when they pass the acceptance
filtering. This is particularly useful for checking
the integrity of the communication path.
RECEPTION. Once the CAN controller has syn-
chronized itself onto the bus activity, it is ready
for reception of new messages. Every incoming
message gets its identifier compared to the ac-
ceptance filters. If the bitwise comparison of the
selected bits ends up with a match for at least
one of the filters then that message is elected for
reception and a target buffer is searched for. This
buffer will be the first one - order is 1 to 3 - that
has the LOCK and RDY bits of its BCSRx regis-
ter reset.
– When no such buffer exists then an overrun
interrupt is generated if the ORIE bit of the ICR
register has been set. In this case the identifi-
er of the last message is made available in the
Last Identifier Register (LIDHR and LIDLR) at
least until it gets overwritten by a new identifi-
er picked-up from the bus.
– When a buffer does exist, the accepted mes-
sage gets written into it, the ACC bit in the
BCSRx register gets the number of the match-
ing filter, the RDY and RXIF bits get set and an
interrupt is generated if the RXIE bit in the ISR
register is set.
Up to three messages can be automatically
received without intervention from the CPU
because each buffer has its own set of status
bits, greatly reducing the reactiveness require-
ments in the processing of the receive inter-
rupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com