Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72521B Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST72521B
Description  80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72521B Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST72521B Datasheet HTML 145Page - STMicroelectronics ST72521B Datasheet HTML 146Page - STMicroelectronics ST72521B Datasheet HTML 147Page - STMicroelectronics ST72521B Datasheet HTML 148Page - STMicroelectronics ST72521B Datasheet HTML 149Page - STMicroelectronics ST72521B Datasheet HTML 150Page - STMicroelectronics ST72521B Datasheet HTML 151Page - STMicroelectronics ST72521B Datasheet HTML 152Page - STMicroelectronics ST72521B Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 215 page
background image
ST72F521, ST72521B
149/215
CONTROLLER AREA NETWORK (Cont’d)
Software Work-around - Devices without Hard-
ware Fix:
To implement a transmission abort under safe
conditions, any reset of the LOCK bit during the
critical window (2 bit times) must be avoided. Two
different cases have to be considered, either the
pCAN enters standby mode after the abort, or the
abort is performed and pCAN keeps running.
Abort followed by STANDBY mode (RUN=0)
In this case, aborting the pending transmissions
can safely be done by first entering STANDBY
mode and then releasing the transmit buffers.
STANDBY mode is entered by resetting the RUN
bit in the CSR register and once the current trans-
mission attempt, even if it fails due to error or lost
arbitration, has been performed, pCAN enters
STANDBY mode (RUN=0). Once in STANDBY
mode the application can abort all pending trans-
missions by resetting the corresponding LOCK bit.
Abort while staying in RUN mode (RUN=1)
Contrary to the STANDBY case described previ-
ously, in the RUN case the application has to han-
dle the error or arbitration lost conditions. In case
of transmission errors, causing the frame to be
transmitted again and again, the application must
set the NRTX bit in the CSR register. This will
cause pCAN to abort the transmission at the end
of the current attempt.
In case of arbitration lost, setting the NRTX bit
does not abort the transmission, therefore the ap-
plication must reset the LOCK bit to abort the
transmission. To avoid resetting the LOCK bit dur-
ing the critical time window, leading to the problem
described at the start of this section, the applica-
tion must monitor the BUSY bit in the BCSR regis-
ter and reset the LOCK bit just after the falling
edge of the BUSY bit. The time between the falling
edge of the BUSY bit and the SOF of the next
transmission attempt is in any case long enough to
guarantee that the LOCK bit is reset before the
critical time window.
The “C” code sequence below shows the software
work-around for both the error and arbitration lost
cases.
_asm("SIM\n");
// Mask interrupts
CANCSR |= NRTX;
// Set non automatic retransmission bit
while(!(CANBCSR & BUSY) &&// Wait till BUSY bit is set
(CANBCSR & RDY) ); // or transmission done
while( CANBCSR & BUSY ); // Wait till BUSY bit is reset (falling edge)
if( CANBCSR & RDY )
{ // transmission still pending -> must be aborted
CANBCSR &= ~LOCK; //Arbitration lost => cancel transmission safel
while( CANBCSR & RDY );// Wait for unlock confirmed
CANCSR &= ~NRTX;// Reset NRTX bit once abort sequence done
_asm("RIM\n");
}
else
{ // No more abort required as RDY bit already reset
CANCSR &= ~NRTX;// Reset NRTX bit once abort sequence done
_asm("RIM\n"); // Enable interrupts
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com