Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F521R9TC Datasheet(PDF) 145 Page - STMicroelectronics

Part # ST72F521R9TC
Description  80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R9TC Datasheet(HTML) 145 Page - STMicroelectronics

Back Button ST72F521R9TC Datasheet HTML 141Page - STMicroelectronics ST72F521R9TC Datasheet HTML 142Page - STMicroelectronics ST72F521R9TC Datasheet HTML 143Page - STMicroelectronics ST72F521R9TC Datasheet HTML 144Page - STMicroelectronics ST72F521R9TC Datasheet HTML 145Page - STMicroelectronics ST72F521R9TC Datasheet HTML 146Page - STMicroelectronics ST72F521R9TC Datasheet HTML 147Page - STMicroelectronics ST72F521R9TC Datasheet HTML 148Page - STMicroelectronics ST72F521R9TC Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 215 page
background image
ST72F521, ST72521B
145/215
CONTROLLER AREA NETWORK (Cont’d)
Table 24. CAN Register Map and Reset Values
Address
(Hex.)
Page
Register
Label
7
6
54
3
2
10
5A
CANISR
Reset Value
RXIF3
0
RXIF2
0
RXIF1
0
TXIF
0
SCIF
0
ORIF
0
TEIF
0
EPND
0
5B
CANICR
Reset Value
0
ESCI
0
RXIE
0
TXIE
0
SCIE
0
ORIE
0
TEIE
0
ETX
0
5C
CANCSR
Reset Value
0
BOFF
0
EPSV
0
SRTE
0
NRTX
0
FSYN
0
WKPS
0
RUN
0
5D
CANBRPR
Reset Value
RJW1
0
RJW0
0
BRP5
0
BRP4
0
BRP3
0
BRP2
0
BRP1
0
BRP0
0
5E
CANBTR
Reset Value
0
BS22
0
BS21
1
BS20
0
BS13
0
BS12
0
BS11
1
BS10
1
5F
CANPSR
Reset Value
0
0
0
0
0
PAGE2
0
PAGE1
0
PAGE0
0
60
0
CANLIDHR
Reset Value
LID10
x
LID9
x
LID8
x
LID7
x
LID6
x
LID5
x
LID4
x
LID3
x
1 to 3
CANIDHRx
Reset Value
ID10
x
ID9
x
ID8
x
ID7
x
ID6
x
ID5
x
ID4
x
ID3
x
60, 64
4
CANFHRx
Reset Value
FIL11
x
FIL10
x
FIL9
x
FIL8
x
FIL7
x
FIL6
x
FIL5
x
FIL4
x
61
0
CANLIDLR
Reset Value
LID2
x
LID1
x
LID0
x
LRTR
x
LDLC3
x
LDLC2
x
LDLC1
x
LDLC0
x
1 to 3
CANIDLRx
Reset Value
ID2
x
ID1
x
ID0
x
RTR
x
DLC3
x
DLC2
x
DLC1
x
DLC0
x
61, 65
4
CANFLRx
Reset Value
FIL3
x
FIL2
x
FIL1
x
FIL0
x
0
000
62 to 69
1 to 3
CANDRx
Reset Value
MSB
xx
x
x
x
x
x
LSB
x
62, 66
4
CANMHRx
Reset Value
MSK11
x
MSK10
x
MSK9
x
MSK8
x
MSK7
x
MSK6
x
MSK5
x
MSK4
x
63, 67
4
CANMLRx
Reset Value
MSK3
x
MSK2
x
MSK1
x
MSK0
x
0
000
6E
0
CANTECR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
6F
CANRECR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
1 to 3
CANBCSRx
Reset Value
0
0
0
0
ACC
0
RDY
0
BUSY
0
LOCK
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com