Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272E Datasheet(PDF) 179 Page - STMicroelectronics

Part # ST10F272E
Description  16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272E Datasheet(HTML) 179 Page - STMicroelectronics

Back Button ST10F272E Datasheet HTML 173Page - STMicroelectronics ST10F272E Datasheet HTML 174Page - STMicroelectronics ST10F272E Datasheet HTML 175Page - STMicroelectronics ST10F272E Datasheet HTML 176Page - STMicroelectronics ST10F272E Datasheet HTML 177Page - STMicroelectronics ST10F272E Datasheet HTML 178Page - STMicroelectronics ST10F272E Datasheet HTML 179Page - STMicroelectronics ST10F272E Datasheet HTML 180Page - STMicroelectronics ST10F272E Datasheet HTML 181Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 179 / 181 page
background image
ST10F272B/ST10F272E
Ordering information
179/181
26
Ordering information
pecific
Table 83.
Order codes
Part number
Package
Packing
B/E
Type
Temperature
range (°C)
CPU frequency
range (MHz)
F272-BAG-P
PQFP144
Tray
E
-40 to +125°C
1 to 64
F272-BAG-P-TR
Tape and reel
F272-BAG-T
TQFP144
Tray
B
-40 to +125°C
1 to 40
F272-BAG-T-TR
Tape and reel
F272-BAG5-T
TQFP144
Tray
B
-40 to +105°C
1 to 48
F272-BAG5-T-TR
Tape and reel
F272-BAGE-T-TR
TQFP144
Tape and reel
E
-40 to +125°C
1 to 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com