Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE0XY0 Datasheet(PDF) 117 Page - STMicroelectronics

Part # ST7LITE0XY0
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE0XY0 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ST7LITE0XY0 Datasheet HTML 113Page - STMicroelectronics ST7LITE0XY0 Datasheet HTML 114Page - STMicroelectronics ST7LITE0XY0 Datasheet HTML 115Page - STMicroelectronics ST7LITE0XY0 Datasheet HTML 116Page - STMicroelectronics ST7LITE0XY0 Datasheet HTML 117Page - STMicroelectronics ST7LITE0XY0 Datasheet HTML 118Page - STMicroelectronics ST7LITE0XY0 Datasheet HTML 119Page - STMicroelectronics ST7LITE0XY0 Datasheet HTML 120Page - STMicroelectronics ST7LITE0XY0 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 124 page
background image
ST7LITE0xY0, ST7LITESxY0
117/124
15.3 DEVELOPMENT TOOLS
Development tools for the ST7 microcontrollers in-
clude a complete range of hardware systems and
software tools from STMicroelectronics and third-
party tool suppliers. The range of tools includes
solutions to help you evaluate microcontroller pe-
ripherals, develop and debug your application, and
program your microcontrollers.
15.3.1 Starter kits
ST offers complete, affordable starter kits. Starter
kits are complete, affordable hardware/software
tool packages that include features and samples
to help you quickly start developing your applica-
tion.
15.3.2 Development and debugging tools
Application development for ST7 is supported by
fully optimizing C Compilers and the ST7 Assem-
bler-Linker toolchain, which are all seamlessly in-
tegrated in the ST7 integrated development envi-
ronments in order to facilitate the debugging and
fine-tuning of your application. The Cosmic C
Compiler is available in a free version that outputs
up to 16KBytes of code.
The range of hardware tools includes full-featured
ST7-EMU3 series emulators, cost effective ST7-
DVP3 series emulators and the low-cost RLink
in-circuit debugger/programmer. These tools are
supported by the ST7 Toolset from STMicroelec-
tronics, which includes the STVD7 integrated de-
velopment environment (IDE) with high-level lan-
guage debugger, editor, project manager and inte-
grated programming interface.
15.3.3 Programming tools
During the development cycle, the ST7-DVP3 and
ST7-EMU3 series emulators and the RLink pro-
vide in-circuit programming capability for program-
ming the Flash microcontroller on your application
board.
ST also provides a low-cost dedicated in-circuit
programmer, the ST7-STICK, as well as ST7
Socket Boards which provide all the sockets re-
quired for programming any of the devices in a
specific ST7 sub-family on a platform that can be
used with any tool with in-circuit programming ca-
pability for ST7.
For production programming of ST7 devices, ST’s
third-party tool partners also provide a complete
range of gang and automated programming solu-
tions, which are ready to integrate into your pro-
duction environment.
15.3.4 Order Codes for Development and
Programming Tools
Table 23 below lists the ordering codes for the
ST7LITE0/ST7LITES development and program-
ming tools. For additional ordering codes for spare
parts and accessories, refer to the online product
selector at www.st.com/mcu.
15.3.5 Order codes for ST7LITE0/ST7LITES development tools
Table 23. Development tool order codes for the ST7LITE0/ST7LITES family
Notes:
1. Available from ST or from Raisonance, www.raisonance.com
2. USB connection to PC
3. Includes connection kit for DIP16/SO16 only. See “How to order an EMU or DVP” in ST product and tool selection guide
for connection kit ordering information
4. Add suffix /EU, /UK or /US for the power supply for your region
5. Parallel port connection to PC
MCU
In-circuit Debugger, RLink Series1)
Emulator
Programming Tool
ST7FLITE02,
ST7FLITE05,
ST7FLITE09,
ST7FLITES2,
ST7FLITES5
Starter Kit
without Demo
Board
Starter Kit with
Demo Board
DVP Series
EMU Series
In-circuit
Programmer
ST Socket
Boards and
EPBs
STX-RLINK2)
ST7FLITE-SK/RAIS2)
ST7MDT10-
DVP33)
ST7MDT10-
EMU3
STX-RLINK
ST7-STICK4)5)
ST7SB10-SU04)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com