Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STX-RLINK2 Datasheet(PDF) 109 Page - STMicroelectronics

Part # STX-RLINK2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX-RLINK2 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STX-RLINK2 Datasheet HTML 105Page - STMicroelectronics STX-RLINK2 Datasheet HTML 106Page - STMicroelectronics STX-RLINK2 Datasheet HTML 107Page - STMicroelectronics STX-RLINK2 Datasheet HTML 108Page - STMicroelectronics STX-RLINK2 Datasheet HTML 109Page - STMicroelectronics STX-RLINK2 Datasheet HTML 110Page - STMicroelectronics STX-RLINK2 Datasheet HTML 111Page - STMicroelectronics STX-RLINK2 Datasheet HTML 112Page - STMicroelectronics STX-RLINK2 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 124 page
background image
ST7LITE0xY0, ST7LITESxY0
109/124
14 PACKAGE CHARACTERISTICS
In order to meet environmental requirements, ST
offers these devices in ECOPACK® packages.
These packages have a Lead-free second level in-
terconnect. The category of second Level Inter-
connect is marked on the package and on the in-
ner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to solder-
ing conditions are also marked on the inner box la-
bel.
ECOPACK is an ST trademark. ECOPACK speci-
fications are available at: www.st.com.
14.1 PACKAGE MECHANICAL DATA
Figure 86. 20-Lead Very thin Fine pitch Quad Flat No-Lead Package
Dim.
mm
inches1)
Note 1. Values in inches are converted from mm
and rounded to 4 decimal digits.
Min Typ Max
Min
Typ
Max
A
0.80 0.85 0.90 0.0315 0.0335 0.0354
A1
0.00 0.02 0.05
0.0008 0.0020
A3
0.02
0.0008
b
0.25 0.30 0.35 0.0098 0.0118 0.0138
D
5.00
0.1969
D2
3.10 3.25 3.35 0.1220 0.1280 0.1319
E
6.00
0.2362
E2
4.10 4.25 4.35 0.1614 0.1673 0.1713
e
0.80
0.0315
L
0.45 0.50 0.55 0.0177 0.0197 0.0217
ddd
0.08
0.0031
Number of Pins
N
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com