Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252V/ML Datasheet(PDF) 201 Page - Microchip Technology

Part # LAN9252V/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML Datasheet(HTML) 201 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 197Page - Microchip Technology LAN9252V/ML Datasheet HTML 198Page - Microchip Technology LAN9252V/ML Datasheet HTML 199Page - Microchip Technology LAN9252V/ML Datasheet HTML 200Page - Microchip Technology LAN9252V/ML Datasheet HTML 201Page - Microchip Technology LAN9252V/ML Datasheet HTML 202Page - Microchip Technology LAN9252V/ML Datasheet HTML 203Page - Microchip Technology LAN9252V/ML Datasheet HTML 204Page - Microchip Technology LAN9252V/ML Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 201
LAN9252
12.6
GPIOs
The EtherCAT Core provides 16 General Purpose Inputs (GPI[15:0]) and 16 General Purpose Outputs (GPO[15:0]) The
General Purpose Output Register is used to control the output value. The General Purpose Input Register is used to
read the input value.
Each 2-bit pair is configurable as input, push-pull output or open-drain output. The direction and buffer type are deter-
mined by the Extended PDI Configuration Register. Bits 7:0 control the direction of the pairs (bit 0 for GPIO[1:0], bit 1
for GPIO[3:2], etc.). A value of 1 selects the output direction. Bits 15:8 control the output type (bit 8 for GPIO[1:0], bit 9
for GPIO[3:2], etc.). A value of 1 selects the open-drain. The Extended PDI Configuration Register is initialized from the
contents of the EEPROM. Refer to Section 12.8, "EEPROM Configurable Registers," on page 201 for additional infor-
mation.
12.7
User RAM
A 128 byte user RAM is located at 0F80h-0FFFh. The default values within this RAM are undefined for all addresses.
12.8
EEPROM Configurable Registers
The following registers are configurable via EEPROM. Refer to the corresponding register definition for details on each
bit function.
Note:
When GPIOs are not available due to chip configuration, the General Purpose Output Register remains R/
W, but has no effect. When GPIOs are not available due to chip configuration, the General Purpose Input
Register will return zeros.
Note:
The Extended PDI Configuration Register is also used for the Digital I/O PDI direction. However, GPIOs
are not used during Digital I/O mode.
Note:
Reserved bits must be written as 0 unless otherwise noted.
TABLE 12-3:
ETHERCAT CORE EEPROM CONFIGURABLE REGISTERS
Register
Bits
EEPROM
Word / [Bits]
PDI Control Register
(0140h)
[7:0] Process Data Interface
0 / [7:0]
ESC Configuration Register
(0141h)
[7] (unused)
0 / [15]
[6] Enhanced Link Port 2
0 / [14]
[5] Enhanced Link Port 1
0 / [13]
[4] Enhanced Link Port 0
0 / [12]
[3] Distributed Clocks Latch In Unit
Note:
Bit 3 is NOT set by EEPROM
-
[2] Distributed Clocks SYNC Out Unit
Note:
Bit 2 is NOT set by EEPROM
-
[1] Enhanced Link Detection All Ports
0 / [9]
[0] Device Emulation
(control of AL Status Register)
0 / [8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com