Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252V/ML Datasheet(PDF) 217 Page - Microchip Technology

Part # LAN9252V/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML Datasheet(HTML) 217 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 213Page - Microchip Technology LAN9252V/ML Datasheet HTML 214Page - Microchip Technology LAN9252V/ML Datasheet HTML 215Page - Microchip Technology LAN9252V/ML Datasheet HTML 216Page - Microchip Technology LAN9252V/ML Datasheet HTML 217Page - Microchip Technology LAN9252V/ML Datasheet HTML 218Page - Microchip Technology LAN9252V/ML Datasheet HTML 219Page - Microchip Technology LAN9252V/ML Datasheet HTML 220Page - Microchip Technology LAN9252V/ML Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 217
LAN9252
12.13.3
ETHERCAT CSR INTERFACE DATA REGISTER (ECAT_CSR_DATA)
This read/write register is used in conjunction with the EtherCAT CSR Interface Command Register (ECAT_CSR_CMD)
to perform read and write operations with the EtherCAT Core CSRs.
Offset:
300h
Size:
32 bits
Bits
Description
Type
Default
31:0
EtherCAT CSR Data (CSR_DATA)
This field contains the value read from or written to the EtherCAT Core CSR.
The EtherCAT Core CSR is selected via the CSR Address (CSR_ADDR) bits
of the EtherCAT CSR Interface Command Register (ECAT_CSR_CMD).
Valid data is always written to or read from the lower bits of this field. The H/
W handles any required byte alignment.
Upon a read, the value returned depends on the Read/Write (R_nW) bit in
the EtherCAT CSR Interface Command Register (ECAT_CSR_CMD). If
Read/Write (R_nW) is set, the data is from the EtherCAT Core. If Read/Write
(R_nW) is cleared, the data is the value that was last written into this register.
R/W
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com