Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252V/ML Datasheet(PDF) 224 Page - Microchip Technology

Part # LAN9252V/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML Datasheet(HTML) 224 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 220Page - Microchip Technology LAN9252V/ML Datasheet HTML 221Page - Microchip Technology LAN9252V/ML Datasheet HTML 222Page - Microchip Technology LAN9252V/ML Datasheet HTML 223Page - Microchip Technology LAN9252V/ML Datasheet HTML 224Page - Microchip Technology LAN9252V/ML Datasheet HTML 225Page - Microchip Technology LAN9252V/ML Datasheet HTML 226Page - Microchip Technology LAN9252V/ML Datasheet HTML 227Page - Microchip Technology LAN9252V/ML Datasheet HTML 228Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 329 page
background image
LAN9252
DS00001909A-page 224
 2015 Microchip Technology Inc.
0141h
ESC Configuration Register
0142h-0143h ASIC Configuration Register
0144h-0145h RESERVED Register
0150h
PDI Configuration Register
0151h
Sync/Latch PDI Configuration Register
0152h-0153h Extended PDI Configuration Register
Interrupts
0200h-0201h ECAT Event Mask Register
0204h-0207h AL Event Mask Register
0210h-0211h ECAT Event Request Register
0220h-0223h AL Event Request Register
Error Counters
0300h-0307h RX Error Counter Registers
0308h-030Bh Forwarded RX Error Counter Registers
030Ch
ECAT Processing Unit Error Counter Register
030Dh
PDI Error Counter Register
030Eh
PDI Error Code Register
0310h-0313h Lost Link Counter Registers
Watchdogs
0400h-0401h Watchdog Divider Register
0410h-0411h Watchdog Time PDI Register
0420h-0421h Watchdog Time Process Data Register
0440h-0441h Watchdog Status Process Data Register
0442h
Watchdog Counter Process Data Register
0443h
Watchdog Counter PDI Register
EEPROM Interface
0500h
EEPROM Configuration Register
0501h
EEPROM PDI Access State Register
0502h-0503h EEPROM Control/Status Register
0504h-0507h EEPROM Address Register
0508h-050Bh EEPROM Data Register
MII Management Interface
0510h-0511h MII Management Control/Status Register
0512h
PHY Address Register
0513h
PHY Register Address Register
0514h-0515h PHY DATA Register
0516h
MII Management ECAT Access State Register
0517h
MII Management PDI Access State Register
0518h-051Bh PHY Port Status Registers
0600h-062Fh
FMMU[2:0] Registers (3x16 bytes)
+0h-3h
FMMUx Logical Start Address Register
+4h-5h
FMMUx Length Register
+6h
FMMUx Logical Start Bit Register
+7h
FMMUx Logical Stop Bit Register
TABLE 12-15: ETHERCAT CORE CSR REGISTERS
Address
Register Name (Symbol)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com