Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252V/ML Datasheet(PDF) 240 Page - Microchip Technology

Part # LAN9252V/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML Datasheet(HTML) 240 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 236Page - Microchip Technology LAN9252V/ML Datasheet HTML 237Page - Microchip Technology LAN9252V/ML Datasheet HTML 238Page - Microchip Technology LAN9252V/ML Datasheet HTML 239Page - Microchip Technology LAN9252V/ML Datasheet HTML 240Page - Microchip Technology LAN9252V/ML Datasheet HTML 241Page - Microchip Technology LAN9252V/ML Datasheet HTML 242Page - Microchip Technology LAN9252V/ML Datasheet HTML 243Page - Microchip Technology LAN9252V/ML Datasheet HTML 244Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 329 page
background image
LAN9252
DS00001909A-page 240
 2015 Microchip Technology Inc.
12.14.21 AL STATUS REGISTER
Note 9:
This register is only writable if Device Emulation is off (Device Emulation bit of ESC Configuration Register
is 0). Otherwise, this register will reflect the AL Control Register values. Reading this register from ECAT
clears the AL Status Event bit in the ECAT Event Request Register.
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
12.14.22 AL STATUS CODE REGISTER
Offset:
0130h-0131h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:5
RESERVED
Write as 0.
RO
R/W
Note 9
000h
4
Error Ind
0:
Device is in state as requested or Flag cleared by command
1:
Device has not entered requested state or changed state as a
result of a local action
RO
R/W
Note 9
0b
3:0
Actual State of the Device State Machine
1h:
Init State
2h:
Pre-Operational State
3h:
Bootstrap State
4h:
Safe-Operational State
8h:
Operational State
RO
R/W
Note 9
1h
Offset:
0134h-0135h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:0
AL Status Code
RO
R/W
0000h
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com