Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252V/ML Datasheet(PDF) 267 Page - Microchip Technology

Part # LAN9252V/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML Datasheet(HTML) 267 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 263Page - Microchip Technology LAN9252V/ML Datasheet HTML 264Page - Microchip Technology LAN9252V/ML Datasheet HTML 265Page - Microchip Technology LAN9252V/ML Datasheet HTML 266Page - Microchip Technology LAN9252V/ML Datasheet HTML 267Page - Microchip Technology LAN9252V/ML Datasheet HTML 268Page - Microchip Technology LAN9252V/ML Datasheet HTML 269Page - Microchip Technology LAN9252V/ML Datasheet HTML 270Page - Microchip Technology LAN9252V/ML Datasheet HTML 271Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 267
LAN9252
12.14.57 MII MANAGEMENT PDI ACCESS STATE REGISTER
Note 33:
Write access to the Access to MII Management (PDI) bit of this register is only possible if the Force PDI
Access State bit of this register is 0 and the Access to MII Management (ECAT) bit of the MII Management
ECAT Access State Register is 0.
12.14.58 PHY PORT STATUS REGISTERS
There are 4 8-bit PHY Port Status registers, each with unique address offsets as shown above. The variable “x” is used
in the following bit descriptions to represent ports 0-3.
Offset:
0517h
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:2
RESERVED
Write 0.
RO
RO
000000b
1
Force PDI Access State
0:
Do not change Access to MII Management (PDI) bit
1:
Reset Access to MII Management (PDI) bit
R/W
RO
0b
0
Access to MII Management (PDI)
0:
ECAT has access to MII management
1:
PDI has access to MII management
RO
R/W
Note 33
0b
Offset:
0518h-051Bh
Port 0: 0518h
Port 1: 0519h
Port 2: 051Ah
Port 3: 051Bh
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:6
RESERVED
Write as 0.
RO
RO
00b
5
Port x Lost Link Counter
0:
No Update
1:
PHY Configuration was Updated
Note:
Cleared by writing any value to at least one of the
PHY Port Status Registers.
R/WC
Note 34
R/WC
Note 34
0b
4
Port x Link Partner Error
0:
No Error Detected
1:
Link Partner Error
RO
RO
0b
3
Port x Read Error
0:
No Read Error Detected
1:
Read Error has Occurred
Note:
Cleared by writing any value to at least one of the
PHY Port Status Registers.
R/WC
Note 34
R/WC
Note 34
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com