Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252V/ML Datasheet(PDF) 283 Page - Microchip Technology

Part # LAN9252V/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML Datasheet(HTML) 283 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 279Page - Microchip Technology LAN9252V/ML Datasheet HTML 280Page - Microchip Technology LAN9252V/ML Datasheet HTML 281Page - Microchip Technology LAN9252V/ML Datasheet HTML 282Page - Microchip Technology LAN9252V/ML Datasheet HTML 283Page - Microchip Technology LAN9252V/ML Datasheet HTML 284Page - Microchip Technology LAN9252V/ML Datasheet HTML 285Page - Microchip Technology LAN9252V/ML Datasheet HTML 286Page - Microchip Technology LAN9252V/ML Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 283
LAN9252
12.14.74 ACTIVATION REGISTER
Note:
Writes to this register depend on the Sync Out Unit Control bit of the Cyclic Unit Control Register.
Offset:
0981h
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7
SyncSignal Debug Pulse (Vasili Bit)
0:
Deactivated
1:
Immediately generate a single debug ping on SYNC0 and
SYNC1 according to bits 2 and 1 of this register.
R/W
R/W
0b
6
Near Future Configuration (approx.)
0:
1/2 DC width future (231 ns or 263 ns)
1:
2.1 sec future (231 ns)
R/W
R/W
0b
5
Start Time Plausibility Check
0:
Disabled. SyncSignal generation if Start Time is reached.
1:
Immediate SyncSignal generation if Start Time is outside Near
Future Configuration (approx.).
R/W
R/W
0b
4
Extension of Start Time Cyclic Operation
(Start Time Cyclic Operation Register)
0:
No extension
1:
Extend 32-bit written Start Time to 64-bit
R/W
R/W
0b
3
Auto-activation
(By writing Start Time Cyclic Operation Register)
0:
Disabled
1:
Auto-activation enabled. Sync Out Unit Activation is set auto-
matically after Start Time is written.
R/W
R/W
0b
2
SYNC1 Generation
0:
Deactivated
1:
SYNC1 pulse is generated
R/W
R/W
0b
1
SYNC0 Generation
0:
Deactivated
1:
SYNC0 pulse is generated
R/W
R/W
0b
0
Sync Out Unit Activation
0:
Deactivated
1:
Activated
Note:
Write 1 after Start Time is written
R/W
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com