Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252V/ML Datasheet(PDF) 296 Page - Microchip Technology

Part # LAN9252V/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML Datasheet(HTML) 296 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 292Page - Microchip Technology LAN9252V/ML Datasheet HTML 293Page - Microchip Technology LAN9252V/ML Datasheet HTML 294Page - Microchip Technology LAN9252V/ML Datasheet HTML 295Page - Microchip Technology LAN9252V/ML Datasheet HTML 296Page - Microchip Technology LAN9252V/ML Datasheet HTML 297Page - Microchip Technology LAN9252V/ML Datasheet HTML 298Page - Microchip Technology LAN9252V/ML Datasheet HTML 299Page - Microchip Technology LAN9252V/ML Datasheet HTML 300Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 329 page
background image
LAN9252
DS00001909A-page 296
 2015 Microchip Technology Inc.
14.0
CHIP MODE CONFIGURATION
The mode of the chip is controlled by the chip_mode_strap[1:0] (CHIP_MODE1/CHIP_MODE0) hard-strap as follows:
Once the mode of the chip is selected, the Process Data Interface (PDI) in use is selected by the PDI Control Register
(0x0140). The valid choices are as follows:
Note:
The mode of the chip as selected by the chip_mode_strap[1:0] hard-strap is not affected by the PDI selec-
tion.
Note:
Due to pin sharing, when the device is in 3 port mode, the only usable interface is SPI.
14.1
HBI Sub-Configuration
The PDI Configuration Register (0x0150) is used for the HBI configuration straps as shown in Table 12-
3, "EtherCAT Core EEPROM Configurable Registers".
The PDI Configuration Register (0x0150) is initialized from the contents of the EEPROM.
TABLE 14-1:
CHIP MODE SELECTION
CHIP_MODE[1:0]
Mode
00
2 port mode. Port 0 = PHY A, Port 1 = PHY B
01
RESERVED
10
3 port downstream mode. Port 0 = PHY A, Port 1 = PHY B, Port 2 = MII
11
3 port upstream mode. Port 0 = MII, Port 1 = PHY B, Port 2 = PHY A
TABLE 14-2:
PDI MODE SELECTION
PDI_SELECT
PDI MODE
0x04
DIG I/O
0x80
SPI
0x88
HBI Multiplexed 1 Phase 8-bit
0x89
HBI Multiplexed 1 Phase 16-bit
0x8A
HBI Multiplexed 2 Phase 8-bit
0x8B
HBI Multiplexed 2 Phase 16-bit
0x8C
HBI Indexed 8-bit
0x8D
HBI Indexed 16-bit
others
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com