Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252V/ML Datasheet(PDF) 320 Page - Microchip Technology

Part # LAN9252V/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML Datasheet(HTML) 320 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 316Page - Microchip Technology LAN9252V/ML Datasheet HTML 317Page - Microchip Technology LAN9252V/ML Datasheet HTML 318Page - Microchip Technology LAN9252V/ML Datasheet HTML 319Page - Microchip Technology LAN9252V/ML Datasheet HTML 320Page - Microchip Technology LAN9252V/ML Datasheet HTML 321Page - Microchip Technology LAN9252V/ML Datasheet HTML 322Page - Microchip Technology LAN9252V/ML Datasheet HTML 323Page - Microchip Technology LAN9252V/ML Datasheet HTML 324Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 329 page
background image
LAN9252
DS00001909A-page 320
 2015 Microchip Technology Inc.
18.7
Clock Circuit
The device can accept either a 25 MHz crystal or a 25 MHz single-ended clock oscillator (±50 ppm) input. If the single-
ended clock oscillator method is implemented, OSCO should be left unconnected and OSCI should be driven with a
clock signal that adheres to the specifications outlined throughout Section 18.0, "Operational Characteristics". See
Table 18-12 for the recommended crystal specifications.
Note 27:
The maximum allowable values for frequency tolerance and frequency stability are application dependent.
Since any particular application must meet the IEEE ±50 ppm Total PPM Budget, the combination of these
two values must be approximately ±45 ppm (allowing for aging).
Note 28:
Frequency Deviation Over Time is also referred to as Aging.
Note 29:
The total deviation for 100BASE-TX is ±50 ppm.
Note 30:
The maximum allowable values for frequency tolerance and frequency stability are application dependent.
Since any particular application must meet the EtherCAT ±25 ppm Total PPM Budget, the combination of
these two values must be approximately ±15 ppm (allowing for aging).
TABLE 18-12: CRYSTAL SPECIFICATIONS
PARAMETER
SYMBOL
MIN
NOM
MAX
UNITS
NOTES
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-
25.000
-
MHz
802.3 Frequency Tolerance at
25oC
Ftol
-
-
±40
ppm
Note 27
802.3 Frequency Stability Over
Temp
Ftemp
-
-
±40
ppm
Note 27
802.3 Frequency Deviation Over
Time
Fage
-
±3 to 5
-
ppm
Note 28
802.3 Total Allowable PPM Bud-
get
-
-
±50
ppm
Note 29
EtherCAT Frequency Tolerance
at 25oC
Ftol
-
-
±15
ppm
Note 30
EtherCAT Frequency Stability
Over Temp
Ftemp
-
-
±15
ppm
Note 30
EtherCAT Frequency Deviation
Over Time
Fage
-
±3 to 5
-
ppm
Note 28
EtherCAT Total Allowable PPM
Budget
-
-
±25
ppm
Note 31
Shunt Capacitance
CO
--
7
pF
Load Capacitance
CL
-
-
18
pF
Drive Level
PW
300
Note 32
--
µW
Equivalent Series Resistance
R1
--
100
Ω
Operating Temperature Range
Note 33
-
Note 34
oC
OSCI Pin Capacitance
-
3 typ
-
pF
Note 35
OSCO Pin Capacitance
-
3 typ
-
pF
Note 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com