Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412RGH3TR Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32F412RGH3TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGH3TR Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32F412RGH3TR Datasheet HTML 102Page - STMicroelectronics STM32F412RGH3TR Datasheet HTML 103Page - STMicroelectronics STM32F412RGH3TR Datasheet HTML 104Page - STMicroelectronics STM32F412RGH3TR Datasheet HTML 105Page - STMicroelectronics STM32F412RGH3TR Datasheet HTML 106Page - STMicroelectronics STM32F412RGH3TR Datasheet HTML 107Page - STMicroelectronics STM32F412RGH3TR Datasheet HTML 108Page - STMicroelectronics STM32F412RGH3TR Datasheet HTML 109Page - STMicroelectronics STM32F412RGH3TR Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 201 page
background image
Electrical characteristics
STM32F412xE/G
106/201
DocID028087 Rev 7
Table 38. Low-power mode wakeup timings(1)
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
tWUSLEEP
Wakeup from Sleep mode
--
4
6
clk
cycles
tWUSLEEPFDSM
Flash memory in Deep
power down mode
-
-
50.0
µs
tWUSTOP
Wakeup from STOP mode
Code execution on Flash
Main regulator
-
12.9
15.0
µs
Main regulator, Flash
memory in Deep power
down mode
-
104.9
120.0
Wakeup from Stop mode,
regulator in low power
mode(2)
-
20.8
28.0
Regulator in low power
mode, Flash memory in
Deep power down mode(2)
-
112.9
130.0
tWUSTOP
Wakeup from STOP mode
code execution on RAM(3)
Main regulator with Flash in
Stop mode or Deep power
down
-4.9
7.0
Wakeup from Stop mode,
regulator in low power mode
and Flash in Stop mode or
Deep power down(2)
-
12.8
20.0
tWUSTDBY
Wakeup from Standby
mode
-
-
316.8
400.0
tWUFLASH
Wakeup of Flash
From Flash_Stop mode
-
11.0
From Flash Deep power
down mode
-
50.0
1. Guaranteed by characterization, not tested in production.
2. The specification is valid for wakeup from regulator in low power mode or low power low voltage mode, since the timing
difference is negligible.
3.
For the faster wakeup time for code execution on RAM, the Flash must be in STOP or DeepPower Down mode (see
reference manual RM0402).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com