Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412RGH3TR Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32F412RGH3TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGH3TR Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32F412RGH3TR Datasheet HTML 119Page - STMicroelectronics STM32F412RGH3TR Datasheet HTML 120Page - STMicroelectronics STM32F412RGH3TR Datasheet HTML 121Page - STMicroelectronics STM32F412RGH3TR Datasheet HTML 122Page - STMicroelectronics STM32F412RGH3TR Datasheet HTML 123Page - STMicroelectronics STM32F412RGH3TR Datasheet HTML 124Page - STMicroelectronics STM32F412RGH3TR Datasheet HTML 125Page - STMicroelectronics STM32F412RGH3TR Datasheet HTML 126Page - STMicroelectronics STM32F412RGH3TR Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 201 page
background image
DocID028087 Rev 7
123/201
STM32F412xE/G
Electrical characteristics
166
6.3.16
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 57 are derived from tests
performed under the conditions summarized in Table 16. All I/Os are CMOS and TTL
compliant.
Table 57. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
FT, TC and NRST I/O input low
level voltage
1.7 V ≤ VDD ≤ 3.6 V
-
-
0.3VDD(1)
V
BOOT0 I/O input low level
voltage
1.75 V ≤ VDD ≤ 3.6 V,
-40 °C ≤ TA ≤ 125 °C
--
0.1VDD+0.1(2)
1.7 V ≤ VDD ≤ 3.6 V,
0 °C ≤ TA ≤ 125 °C
--
VIH
FT, TC and NRST I/O input high
level voltage(5)
1.7 V ≤ VDD ≤ 3.6 V
0.7VDD(1)
--
V
BOOT0 I/O input high level
voltage
1.75 V ≤ VDD ≤ 3.6 V,
-40 °C ≤ TA ≤ 125 °C
0.17VDD+0.7(2)
--
1.7 V ≤ VDD ≤ 3.6 V,
0 °C ≤ TA ≤ 125 °C
VHYS
FT, TC and NRST I/O input
hysteresis
1.7 V ≤ VDD ≤ 3.6 V
10% VDD(2)(3)
--
V
BOOT0 I/O input hysteresis
1.75 V ≤ VDD ≤ 3.6 V,
-40 °C ≤ TA ≤ 125 °C
0.1
-
-
1.7 V ≤ VDD ≤ 3.6 V,
0 °C ≤ TA ≤ 125 °C
Ilkg
I/O input leakage current (4)
VSS ≤ VIN ≤ VDD
--
±1
µA
I/O FT/TC input leakage current
(5)
VIN = 5 V
-
-
3
RPU
Weak pull-up
equivalent
resistor(6)
All pins
except for
PA10
(OTG_FS_ID)
VIN = VSS
30
40
50
k
Ω
PA10
(OTG_FS_ID)
-
7
10
14
RPD
Weak pull-down
equivalent
resistor(7)
All pins
except for
PA10
(OTG_FS_ID)
VIN = VDD
30
40
50
PA10
(OTG_FS_ID)
-
7
10
14
CIO(8) I/O pin capacitance
-
-
5
-
pF
1. Guaranteed by test in production.
2. Guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com