Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F427IIH7TR Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32F427IIH7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IIH7TR Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32F427IIH7TR Datasheet HTML 109Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 110Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 111Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 112Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 113Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 114Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 115Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 116Page - STMicroelectronics STM32F427IIH7TR Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 231 page
background image
DocID024030 Rev 6
113/231
STM32F427xx STM32F429xx
Electrical characteristics
192
APB1
(up to
45 MHz)
TIM2
17.56
16.42
14.47
µA/MHz
TIM3
14.22
13.36
11.80
TIM4
14.89
13.64
12.13
TIM5
17.33
16.42
14.47
TIM6
2.89
2.53
2.47
TIM7
3.11
2.81
2.47
TIM12
7.33
6.97
6.13
TIM13
4.89
4.47
4.13
TIM14
5.56
5.31
4.80
PWR
11.11
10.31
9.13
USART2
4.22
3.92
3.47
USART3
4.44
4.19
3.80
UART4
4.00
3.92
3.47
UART5
4.00
3.92
3.47
UART7
4.00
3.92
3.47
UART8
3.78
3.92
3.47
I2C1
4.00
3.92
3.47
I2C2
4.00
3.92
3.47
I2C3
4.00
3.92
3.47
SPI2(3)
3.11
3.08
2.80
SPI3(3)
3.56
3.36
3.13
I2S2
2.89
2.81
2.47
I2S3
3.33
3.08
2.80
CAN1
6.89
6.42
5.80
CAN2
6.67
6.14
5.47
DAC(4)
2.89
2.25
2.13
WWDG
0.89
0.86
0.80
Table 35. Peripheral current consumption (continued)
Peripheral
IDD( Typ)(1)
Unit
Scale 1
Scale 2
Scale 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com