Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F427AIY7TR Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32F427AIY7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427AIY7TR Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32F427AIY7TR Datasheet HTML 103Page - STMicroelectronics STM32F427AIY7TR Datasheet HTML 104Page - STMicroelectronics STM32F427AIY7TR Datasheet HTML 105Page - STMicroelectronics STM32F427AIY7TR Datasheet HTML 106Page - STMicroelectronics STM32F427AIY7TR Datasheet HTML 107Page - STMicroelectronics STM32F427AIY7TR Datasheet HTML 108Page - STMicroelectronics STM32F427AIY7TR Datasheet HTML 109Page - STMicroelectronics STM32F427AIY7TR Datasheet HTML 110Page - STMicroelectronics STM32F427AIY7TR Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 231 page
background image
DocID024030 Rev 6
107/231
STM32F427xx STM32F429xx
Electrical characteristics
192
Table 31.
Typical current consumption in Run mode, code with data processing running
from Flash memory, regulator OFF (ART accelerator enabled except prefetch)(1)
Symbol
Parameter
Conditions
fHCLK
(MHz)
VDD=3.3V
VDD=1.7V
Unit
IDD12
IDD
IDD12
IDD
IDD12 / IDD
Supply current in
RUN mode from
V12 and VDD
supply
All Peripherals
enabled
168
77.8
1.3
76.8
1.0
mA
150
70.8
1.3
69.8
1.0
144
64.5
1.3
63.6
1.0
120
49.9
1.2
49.3
0.9
90
39.2
1.3
38.7
1.0
60
27.2
1.2
26.8
0.9
30
15.6
1.2
15.4
0.9
25
13.6
1.2
13.5
0.9
All Peripherals
disabled
168
38.2
1.3
37.0
1.0
150
34.6
1.3
33.4
1.0
144
31.3
1.3
30.3
1.0
120
24.0
1.2
23.2
0.9
90
18.1
1.4
18.0
1.0
60
12.9
1.2
12.5
0.9
30
7.2
1.2
6.9
0.9
25
6.3
1.2
6.1
0.9
1. When peripherals are enabled, the power consumption corresponding to the analog part of the peripherals (such as ADC,
or DAC) is not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com