Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F427AIY7TR Datasheet(PDF) 183 Page - STMicroelectronics

Part # STM32F427AIY7TR
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427AIY7TR Datasheet(HTML) 183 Page - STMicroelectronics

Back Button STM32F427AIY7TR Datasheet HTML 179Page - STMicroelectronics STM32F427AIY7TR Datasheet HTML 180Page - STMicroelectronics STM32F427AIY7TR Datasheet HTML 181Page - STMicroelectronics STM32F427AIY7TR Datasheet HTML 182Page - STMicroelectronics STM32F427AIY7TR Datasheet HTML 183Page - STMicroelectronics STM32F427AIY7TR Datasheet HTML 184Page - STMicroelectronics STM32F427AIY7TR Datasheet HTML 185Page - STMicroelectronics STM32F427AIY7TR Datasheet HTML 186Page - STMicroelectronics STM32F427AIY7TR Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 231 page
background image
DocID024030 Rev 6
183/231
STM32F427xx STM32F429xx
Electrical characteristics
192
Figure 71. NAND controller waveforms for common memory read access
Figure 72. NAND controller waveforms for common memory write access
Table 100. Switching characteristics for NAND Flash read cycles(1)
1. CL = 30 pF.
Symbol
Parameter
Min
Max
Unit
tw(N0E)
FMC_NOE low width
4THCLK − 0.5 4THCLK+0.5
ns
tsu(D-NOE)
FMC_D[15-0] valid data before FMC_NOE high
9
-
ns
th(NOE-D)
FMC_D[15-0] valid data after FMC_NOE high
0
-
ns
td(ALE-NOE) FMC_ALE valid before FMC_NOE low
-
3THCLK − 0.5
ns
th(NOE-ALE) FMC_NWE high to FMC_ALE invalid
3THCLK − 2-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com