Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F427NET6 Datasheet(PDF) 189 Page - STMicroelectronics

Part # STM32F427NET6
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427NET6 Datasheet(HTML) 189 Page - STMicroelectronics

Back Button STM32F427NET6 Datasheet HTML 185Page - STMicroelectronics STM32F427NET6 Datasheet HTML 186Page - STMicroelectronics STM32F427NET6 Datasheet HTML 187Page - STMicroelectronics STM32F427NET6 Datasheet HTML 188Page - STMicroelectronics STM32F427NET6 Datasheet HTML 189Page - STMicroelectronics STM32F427NET6 Datasheet HTML 190Page - STMicroelectronics STM32F427NET6 Datasheet HTML 191Page - STMicroelectronics STM32F427NET6 Datasheet HTML 192Page - STMicroelectronics STM32F427NET6 Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 231 page
background image
DocID024030 Rev 6
189/231
STM32F427xx STM32F429xx
Electrical characteristics
192
6.3.28
LCD-TFT controller (LTDC) characteristics
Unless otherwise specified, the parameters given in
Table 107 for LCD-TFT are derived
from tests
performed under the ambient temperature, fHCLK frequency and VDD supply
voltage summarized in Table 17, with the following configuration:
LCD_CLK polarity: high
LCD_DE polarity : low
LCD_VSYNC and LCD_HSYNC polarity: high
Pixel formats: 24 bits
Table 107. LTDC characteristics
Symbol
ParameterMin
Max
Unit
fCLK
LTDC clock output frequency
-
42
MHz
DCLK
LTDC clock output duty cycle
45
55
%
tw(CLKH)
tw(CLKL)
Clock High time, low time
tw(CLK)/2
− 0.5 tw(CLK)/2+0.5
ns
tv(DATA)
Data output valid time
-
3.5
th(DATA)
Data output hold time
1.5
-
tv(HSYNC)
HSYNC/VSYNC/DE output valid
time
-2.5
tv(VSYNC)
tv(DE)
th(HSYNC)
HSYNC/VSYNC/DE output hold
time
2-
th(VSYNC)
th(DE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com