Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12LF1501 Datasheet(PDF) 241 Page - Microchip Technology

Part # PIC12LF1501
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1501 Datasheet(HTML) 241 Page - Microchip Technology

Back Button PIC12LF1501 Datasheet HTML 237Page - Microchip Technology PIC12LF1501 Datasheet HTML 238Page - Microchip Technology PIC12LF1501 Datasheet HTML 239Page - Microchip Technology PIC12LF1501 Datasheet HTML 240Page - Microchip Technology PIC12LF1501 Datasheet HTML 241Page - Microchip Technology PIC12LF1501 Datasheet HTML 242Page - Microchip Technology PIC12LF1501 Datasheet HTML 243Page - Microchip Technology PIC12LF1501 Datasheet HTML 244Page - Microchip Technology PIC12LF1501 Datasheet HTML 245Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 352 page
background image
 2011-2015 Microchip Technology Inc.
DS40001607D-page 241
PIC16(L)F1503
25.8
Dead-Band Uncertainty
When the rising and falling edges of the input source
triggers the dead-band counters, the input may be asyn-
chronous. This will create some uncertainty in the dead-
band time delay. The maximum uncertainty is equal to
one CWG clock period. Refer to Equation 25-1 for more
detail.
EQUATION 25-1:
DEAD-BAND
UNCERTAINTY
25.9
Auto-Shutdown Control
Auto-shutdown is a method to immediately override the
CWG output levels with specific overrides that allow for
safe shutdown of the circuit. The shutdown state can be
either cleared automatically or held until cleared by
software.
25.9.1
SHUTDOWN
The shutdown state can be entered by either of the
following two methods:
• Software generated
• External Input
25.9.1.1
Software Generated Shutdown
Setting the GxASE bit of the CWGxCON2 register will
force the CWG into the shutdown state.
When auto-restart is disabled, the shutdown state will
persist as long as the GxASE bit is set.
When auto-restart is enabled, the GxASE bit will clear
automatically and resume operation on the next rising
edge event. See Figure 25-6.
25.9.1.2
External Input Source
External shutdown inputs provide the fastest way to
safely suspend CWG operation in the event of a Fault
condition. When any of the selected shutdown inputs
goes active, the CWG outputs will immediately go to
the selected override levels without software delay. Any
combination of two input sources can be selected to
cause a shutdown condition. The sources are:
• Comparator C1 – C1OUT_async
• Comparator C2 – C2OUT_async
• CLC2 – LC2_out
•CWG1FLT
Shutdown inputs are selected in the CWGxCON2
register. (Register 25-3).
TDEADBAND_UNCERTAINTY
1
Fcwg_clock
-----------------------------
=
Therefore:
Fcwg_clock
16 MHz
=
1
16 MHz
-------------------
=
62.5ns
=
TDEADBAND_UNCERTAINTY
1
Fcwg_clock
-----------------------------
=
Example:
Note:
Shutdown inputs are level sensitive, not
edge sensitive. The shutdown state can-
not be cleared, except by disabling auto-
shutdown, as long as the shutdown input
level persists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com