Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12LF1501 Datasheet(PDF) 265 Page - Microchip Technology

Part # PIC12LF1501
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1501 Datasheet(HTML) 265 Page - Microchip Technology

Back Button PIC12LF1501 Datasheet HTML 261Page - Microchip Technology PIC12LF1501 Datasheet HTML 262Page - Microchip Technology PIC12LF1501 Datasheet HTML 263Page - Microchip Technology PIC12LF1501 Datasheet HTML 264Page - Microchip Technology PIC12LF1501 Datasheet HTML 265Page - Microchip Technology PIC12LF1501 Datasheet HTML 266Page - Microchip Technology PIC12LF1501 Datasheet HTML 267Page - Microchip Technology PIC12LF1501 Datasheet HTML 268Page - Microchip Technology PIC12LF1501 Datasheet HTML 269Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 352 page
background image
 2011-2015 Microchip Technology Inc.
DS40001607D-page 265
PIC16(L)F1503
28.0
ELECTRICAL SPECIFICATIONS
28.1
Absolute Maximum Ratings(†)
Ambient temperature under bias...................................................................................................... -40°C to +125°C
Storage temperature ........................................................................................................................ -65°C to +150°C
Voltage on pins with respect to VSS
on VDD pin
PIC16F1503 .............................................................................................................. -0.3V to +6.5V
PIC16LF1503 ............................................................................................................ -0.3V to +4.0V
on MCLR pin ........................................................................................................................... -0.3V to +9.0V
on all other pins ............................................................................................................ -0.3V to (VDD + 0.3V)
Maximum current
on VSS pin(1)
-40°C
 TA  +85°C .............................................................................................................. 250 mA
+85°C
 TA  +125°C ............................................................................................................. 85 mA
on VDD pin(1)
-40°C
 TA  +85°C .............................................................................................................. 250 mA
+85°C
 TA  +125°C ............................................................................................................. 85 mA
Sunk by any standard I/O pin ............................................................................................................... 50 mA
Sourced by any standard I/O pin .......................................................................................................... 50 mA
Clamp current, IK (VPIN < 0 or VPIN > VDD) ...................................................................................................
20 mA
Total power dissipation(2) ............................................................................................................................... 800 mW
Note 1:
Maximum current rating requires even load distribution across I/O pins. Maximum current rating may be
limited by the device package power dissipation characterizations, see Table 28-6 to calculate device
specifications.
2:
Power dissipation is calculated as follows: PDIS = VDD x {IDD –
 IOH} +  {(VDD – VOH) x IOH} + (VOl x IOL).
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure above maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com