Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12LF1501 Datasheet(PDF) 286 Page - Microchip Technology

Part # PIC12LF1501
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1501 Datasheet(HTML) 286 Page - Microchip Technology

Back Button PIC12LF1501 Datasheet HTML 282Page - Microchip Technology PIC12LF1501 Datasheet HTML 283Page - Microchip Technology PIC12LF1501 Datasheet HTML 284Page - Microchip Technology PIC12LF1501 Datasheet HTML 285Page - Microchip Technology PIC12LF1501 Datasheet HTML 286Page - Microchip Technology PIC12LF1501 Datasheet HTML 287Page - Microchip Technology PIC12LF1501 Datasheet HTML 288Page - Microchip Technology PIC12LF1501 Datasheet HTML 289Page - Microchip Technology PIC12LF1501 Datasheet HTML 290Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 352 page
background image
PIC16(L)F1503
DS40001607D-page 286
 2011-2015 Microchip Technology Inc.
TABLE 28-14: ADC CONVERSION REQUIREMENTS
TABLE 28-15: COMPARATOR SPECIFICATIONS(1)
Standard Operating Conditions (unless otherwise stated)
Param.
No.
Sym.
Characteristic
Min.
Typ†
Max. Units
Conditions
AD130* TAD
ADC Clock Period (TADC)1.0
—
6.0
sFOSC-based
ADC Internal FRC Oscillator Period (TFRC)1.0
2.0
6.0
s
ADCS<2:0> = x11 (ADC FRC mode)
AD131 TCNV Conversion Time
(not including Acquisition Time)(1)
—11
—
TAD Set GO/DONE bit to conversion
complete
AD132* TACQ Acquisition Time
—
5.0
—
s
AD133* THCD Holding Capacitor Disconnect Time
—
—
1/2 TAD
1/2 TAD + 1TCY
—
—
FOSC-based
ADCS<2:0> = x11 (ADC FRC mode)
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note
1:
The ADRES register may be read on the following TCY cycle.
Operating Conditions (unless otherwise stated)
VDD = 3.0V, TA = 25°C
Param.
No.
Sym.
Characteristics
Min.
Typ.
Max.
Units
Comments
CM01
VIOFF
Input Offset Voltage
—
±7.5
±60
mV
CxSP = 1,
VICM = VDD/2
CM02
VICM
Input Common Mode Voltage
0
—
VDD
V
CM03
CMRR
Common Mode Rejection Ration
—
50
—
dB
CM04A
TRESP(2)
Response Time Rising Edge
—
400
800
ns
CxSP = 1
CM04B
Response Time Falling Edge
—
200
400
ns
CxSP = 1
CM04C
Response Time Rising Edge
—
1200
—
ns
CxSP = 0
CM04D
Response Time Falling Edge
—
550
—
ns
CxSP = 0
CM05*
TMC2OV
Comparator Mode Change to
Output Valid
——
10
s
CM06
CHYSTER Comparator Hysteresis
—
25
—
mV
CxHYS = 1,
CxSP = 1
* These parameters are characterized but not tested.
Note 1:
See Section 29.0 “DC and AC Characteristics Graphs and Charts” for operating characterization.
2:
Response time measured with one comparator input at VDD/2, while the other input transitions from VSS to
VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com