Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12LF1501 Datasheet(PDF) 304 Page - Microchip Technology

Part # PIC12LF1501
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1501 Datasheet(HTML) 304 Page - Microchip Technology

Back Button PIC12LF1501 Datasheet HTML 300Page - Microchip Technology PIC12LF1501 Datasheet HTML 301Page - Microchip Technology PIC12LF1501 Datasheet HTML 302Page - Microchip Technology PIC12LF1501 Datasheet HTML 303Page - Microchip Technology PIC12LF1501 Datasheet HTML 304Page - Microchip Technology PIC12LF1501 Datasheet HTML 305Page - Microchip Technology PIC12LF1501 Datasheet HTML 306Page - Microchip Technology PIC12LF1501 Datasheet HTML 307Page - Microchip Technology PIC12LF1501 Datasheet HTML 308Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 352 page
background image
PIC16(L)F1503
DS40001607D-page 304
 2011-2015 Microchip Technology Inc.
FIGURE 29-21:
IPD BASE, LOW-POWER SLEEP MODE, PIC16LF1503 ONLY
FIGURE 29-22:
IPD BASE, LOW-POWER SLEEP MODE, VREGPM = 1, PIC16F1503 ONLY
450
M85°C3
Max.
250
300
350
400
450
Max: 85°C + 3
Typical: 25°C
Typical
0
50
100
150
200
250
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
0
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
VDD (V)
Max.
600
Max.
300
400
500
600
Max: 85°C + 3
Typical: 25°C
Typical
0
100
200
300
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com