Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF1507 Datasheet(PDF) 245 Page - Microchip Technology

Part # PIC16LF1507
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1507 Datasheet(HTML) 245 Page - Microchip Technology

Back Button PIC16LF1507 Datasheet HTML 241Page - Microchip Technology PIC16LF1507 Datasheet HTML 242Page - Microchip Technology PIC16LF1507 Datasheet HTML 243Page - Microchip Technology PIC16LF1507 Datasheet HTML 244Page - Microchip Technology PIC16LF1507 Datasheet HTML 245Page - Microchip Technology PIC16LF1507 Datasheet HTML 246Page - Microchip Technology PIC16LF1507 Datasheet HTML 247Page - Microchip Technology PIC16LF1507 Datasheet HTML 248Page - Microchip Technology PIC16LF1507 Datasheet HTML 249Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 278 page
background image
 2011-2015 Microchip Technology Inc.
DS40001586D-page 245
PIC16(L)F1507
FIGURE 26-35:
VOH vs. IOH OVER TEMPERATURE, VDD = 1.8V, PIC16LF1507 ONLY
FIGURE 26-36:
VOL vs. IOL OVER TEMPERATURE, VDD = 1.8V, PIC16LF1507 ONLY
Min. (-40°C)
Typical (25°C)
Max. (125°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
IOH (mA)
Max: 125°C + 3
Typical: 25°C
Min: -40°C - 3
Min. (-40°C)
Typical (25°C)
Max. (125°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
012
34567
89
10
IOL (mA)
Max: 125°C + 3
Typical: 25°C
Min: -40°C - 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com